Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXMEGA128B1 Datasheet (PDF) - ATMEL Corporation

ATXMEGA128B1 Datasheet PDF - ATMEL Corporation
Part # ATXMEGA128B1
Download  ATXMEGA128B1 Download
File Size   6465.15 Kbytes
Page   138 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8/16-bit Atmel XMEGA B1 Microcontroller

ATXMEGA128B1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATXMEGA128B1 Datasheet PDF - ATMEL Corporation

Part # ATXMEGA128B1
Download  ATXMEGA128B1 Click to download

File Size   6465.15 Kbytes
Page   138 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8/16-bit Atmel XMEGA B1 Microcontroller

ATXMEGA128B1 Datasheet (HTML) - ATMEL Corporation


ATXMEGA128B1 Product details

Overview

The Atmel® AVR® XMEGA® is a family of low power, high performance, and peripheral rich 8/16-bit microcontrollers based on the AVR enhanced RISC architecture. By executing instructions in a single clock cycle, the Atmel AVR XMEGA devices achieve CPU throughput approaching one million instructions per second (MIPS) per megahertz, allowing the system designer to optimize power consumption versus processing speed.

The AVR CPU combines a rich instruction set with 32 general purpose working registers. All 32 registers are directly connected to the arithmetic logic unit (ALU), allowing two independent registers to be accessed in a single instruction, executed in one clock cycle. The resulting architecture is more code efficient while achieving throughputs many times faster than conventional single-accumulator or CISC based microcontrollers.



Features

• High-performance, low-power Atmel® AVR® XMEGA® 8/16-bit Microcontroller

• Nonvolatile program and data memories

   • 64K - 128KBytes of in-system self-programmable flash

   • 4K - 8KBytes boot section

   • 2KBytes EEPROM

   • 4K - 8KBytes internal SRAM

• Peripheral Features

   • Two-channel DMA controller

   • Four-channel event system

   • Three 16-bit timer/counters

      • Two timer/counters with 4 output compare or input capture channels

      • One timer/counter with 2 output compare or input capture channels

      • High resolution extensions one timer/counter

      • Advanced waveform extension (AWeX) on one timer/counter

      • Split mode on two timer/counters

   • One USB device interface

      • USB 2.0 full speed (12Mbps) and low speed (1.5Mbps) device compliant

      • 32 Endpoints with full configuration flexibility

   • Two USARTs with IrDA support for one USART

   • AES and DES crypto engine

   • CRC-16 (CRC-CCITT) and CRC-32 (IEEE® 802.3) generator

   • One two-wire interface with dual address match (I2C and SMBus compatible)

   • One serial peripheral interface (SPI)

   • 16-bit Real Time Counter (RTC) with separate oscillator

   • Liquid Crystal Display

      • Up to 4x40 segment driver

      • Built in contrast control

      • ASCII character mapping

      • Flexible SWAP of segment and common terminals buses

   • Two eight-channel, 12-bit, 300 thousand SPS Analog to Digital Converters

   • Four Analog Comparators with window compare function, and current source feature

   • External interrupts on all General Purpose I/O pins

   • Programmable watchdog timer with separate on-chip ultra low power oscillator

   • QTouch® library support

      • Capacitive touch buttons, sliders and wheels

• Special microcontroller features

   • Power-on reset and programmable brown-out detection

   • Internal and external clock options with PLL

   • Programmable multilevel interrupt controller

   • Five sleep modes

   • Programming and debug interfaces

      • JTAG (IEEE 1149.1 Compliant) interface, including boundary scan

      • PDI (Program and Debug Interface)

• I/O and Packages

   • 53 Programmable I/O pins

   • 100-lead TQFP

• Operating Voltage

   • 1.6 – 3.6V

• Operating frequency

   • 0 – 12MHz from 1.6V

   • 0 – 32MHz from 2.7V



 




Similar Part No. - ATXMEGA128B1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA128B1 ATMEL-ATXMEGA128B1_14 Datasheet
6Mb / 142P
8/16-bit Atmel XMEGA B1 Microcontroller
More results


Similar Description - ATXMEGA128B1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA128A4U-AU ATMEL-ATXMEGA128A4U-AU Datasheet
4Mb / 121P
8/16-bit Atmel XMEGA A4U Microcontroller
ATXMEGA256A3U ATMEL-ATXMEGA256A3U Datasheet
3Mb / 116P
8/16-bit Atmel XMEGA A3U Microcontroller
ATXMEGA256A3BU ATMEL-ATXMEGA256A3BU Datasheet
4Mb / 143P
8/16-bit Atmel XMEGA A3BUMicrocontroller
ATXMEGA8E5 ATMEL-ATXMEGA8E5_14 Datasheet
2Mb / 147P
8/16-bit Atmel AVR XMEGA Microcontrollers
ATXMEGA64D3 ATMEL-ATXMEGA64D3_14 Datasheet
3Mb / 86P
8/16-bit Atmel AVR XMEGA D3 Microcontroller
ATXMEGA64B1 ATMEL-ATXMEGA64B1_14 Datasheet
6Mb / 142P
8/16-bit Atmel XMEGA B1 Microcontroller
ATXMEGA128B1 ATMEL-ATXMEGA128B1_14 Datasheet
6Mb / 142P
8/16-bit Atmel XMEGA B1 Microcontroller
ATXMEGA256A3BU ATMEL-ATXMEGA256A3BU_14 Datasheet
5Mb / 143P
8/16-bit Atmel XMEGA A3BUMicrocontroller
ATXMEGA384C3 ATMEL-ATXMEGA384C3_14 Datasheet
5Mb / 125P
8/16-bit Atmel XMEGA C3 Microcontroller
ATXMEGA384C3 ATMEL-ATXMEGA384C3 Datasheet
9Mb / 126P
8/16-bit Atmel XMEGA C3 Microcontroller
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com