Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXMEGA384C3 Datasheet (PDF) - ATMEL Corporation

ATXMEGA384C3 Datasheet PDF - ATMEL Corporation
Part # ATXMEGA384C3
Download  ATXMEGA384C3 Download
File Size   10016.46 Kbytes
Page   126 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8/16-bit Atmel XMEGA C3 Microcontroller

ATXMEGA384C3 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATXMEGA384C3 Datasheet PDF - ATMEL Corporation

Part # ATXMEGA384C3
Download  ATXMEGA384C3 Click to download

File Size   10016.46 Kbytes
Page   126 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8/16-bit Atmel XMEGA C3 Microcontroller

ATXMEGA384C3 Datasheet (HTML) - ATMEL Corporation


ATXMEGA384C3 Product details

Overview
The Atmel AVR XMEGA is a family of low power, high performance, and peripheral rich 8/16-bit microcontrollers based on the AVR enhanced RISC architecture. By executing instructions in a single clock cycle, the AVR XMEGA devices achieve CPU throughput approaching one million instructions per second (MIPS) per megahertz, allowing the system designer to optimize power consumption versus processing speed.

Features
● High-performance, low-power Atmel® AVR® XMEGA® 8/16-bit Microcontroller
● Nonvolatile program and data memories
   ● 384KBytes of in-system self-programmable flash
   ● 8KBytes boot section
   ● 4KBytes EEPROM
   ● 32KBytes internal SRAM
● Peripheral features
   ● Two -channel DMA controller
   ● Four-channel event system
   ● Five 16-bit timer/counters
      ● Four timer/counters with four output compare or input capture channels
      ● One timer/counter with two output compare or input capture channels
      ● High resolution extension on two timer/counters
      ● Advanced waveform extension (AWeX) on one timer/counter
   ● One USB device interface
      ● USB 2.0 full speed (12Mbps) and low speed (1.5Mbps) device compliant
      ● 32 Endpoints with full configuration flexibility
   ● Three USARTs with IrDA support for one USART
   ● Two two-wire interfaces with dual address match (I2C and SMBus compatible)
   ● Two serial peripheral interfaces (SPIs)
   ● AES crypto engine
   ● CRC-16 (CRC-CCITT) and CRC-32 (IEEE®802.3) generator
   ● 16-bit real time counter (RTC) with separate oscillator
   ● One sixteen-channel, 12-bit, 300ksps Analog to Digital Converter
   ● Two Analog Comparators with window compare function, and current sources
   ● External interrupts on all general purpose I/O pins
   ● Programmable watchdog timer with separate on-chip ultra low power oscillator
   ● QTouch® library support
      ● Capacitive touch buttons, sliders and wheels
● Special microcontroller features
   ● Power-on reset and programmable brown-out detection
   ● Internal and external clock options with PLL and prescaler
   ● Programmable multilevel interrupt controller
   ● Five sleep modes
   ● Programming and debug interface
      ● PDI (program and debug interface)
● I/O and packages
   ● 50 programmable I/O pins
   ● 64-lead TQFP
   ● 64-pad QFN
● Operating voltage
   ● 1.6 – 3.6V
● Operating frequency
   ● 0 – 12MHz from 1.6V
   ● 0 – 32MHz from 2.7V




Similar Part No. - ATXMEGA384C3

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA384C3 ATMEL-ATXMEGA384C3_14 Datasheet
5Mb / 125P
8/16-bit Atmel XMEGA C3 Microcontroller
More results


Similar Description - ATXMEGA384C3

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA128A4U-AU ATMEL-ATXMEGA128A4U-AU Datasheet
4Mb / 121P
8/16-bit Atmel XMEGA A4U Microcontroller
ATXMEGA256A3U ATMEL-ATXMEGA256A3U Datasheet
3Mb / 116P
8/16-bit Atmel XMEGA A3U Microcontroller
ATXMEGA256A3BU ATMEL-ATXMEGA256A3BU Datasheet
4Mb / 143P
8/16-bit Atmel XMEGA A3BUMicrocontroller
ATXMEGA8E5 ATMEL-ATXMEGA8E5_14 Datasheet
2Mb / 147P
8/16-bit Atmel AVR XMEGA Microcontrollers
ATXMEGA64D3 ATMEL-ATXMEGA64D3_14 Datasheet
3Mb / 86P
8/16-bit Atmel AVR XMEGA D3 Microcontroller
ATXMEGA64B1 ATMEL-ATXMEGA64B1_14 Datasheet
6Mb / 142P
8/16-bit Atmel XMEGA B1 Microcontroller
ATXMEGA128B1 ATMEL-ATXMEGA128B1_14 Datasheet
6Mb / 142P
8/16-bit Atmel XMEGA B1 Microcontroller
ATXMEGA256A3BU ATMEL-ATXMEGA256A3BU_14 Datasheet
5Mb / 143P
8/16-bit Atmel XMEGA A3BUMicrocontroller
ATXMEGA384C3 ATMEL-ATXMEGA384C3_14 Datasheet
5Mb / 125P
8/16-bit Atmel XMEGA C3 Microcontroller
ATXMEGA128B1 ATMEL-ATXMEGA128B1 Datasheet
6Mb / 138P
8/16-bit Atmel XMEGA B1 Microcontroller
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com