Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

15C02MH Datasheet (PDF) - ON Semiconductor

15C02MH Datasheet PDF - ON Semiconductor
Part # 15C02MH
Download  15C02MH Download
File Size   368.04 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Bipolar Transistor 15V, 1A, Low VCE(sat) NPN Single MCPH3

15C02MH Datasheet (PDF)

Go To PDF Page Download Datasheet
15C02MH Datasheet PDF - ON Semiconductor

Part # 15C02MH
Download  15C02MH Click to download

File Size   368.04 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Bipolar Transistor 15V, 1A, Low VCE(sat) NPN Single MCPH3

15C02MH Datasheet (HTML) - ON Semiconductor


15C02MH Product details

Bipolar Transistor
15V, 1A, Low VCE(sat) NPN Single MCPH3

Features
• Large current capacity
• Low collector-to-emitter saturation voltage (resistance) RCE (sat) typ.=300mΩ [IC=1A, IB=50mA]
• Ultrasmall package facilitates miniaturization in end products
• Small ON-resistance (Ron)

Applications
• Low-frequency amplifer, high-speed switching, small motor drive




Similar Part No. - 15C02MH

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
15C02MH SANYO-15C02MH Datasheet
31Kb / 4P
Low-Frequency General-Purpose Amplifier Applications
15C02MH SANYO-15C02MH Datasheet
471Kb / 6P
Low-Frequency General-Purpose Amplifier Applications
15C02MH SANYO-15C02MH_12 Datasheet
471Kb / 6P
Low-Frequency General-Purpose Amplifier Applications
More results


Similar Description - 15C02MH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
15C02CH ONSEMI-15C02CH Datasheet
581Kb / 6P
Bipolar Transistor 15V, 1A, Low VCE(sat) NPN Single CPH3
August, 2013
2SD1618 ONSEMI-2SD1618 Datasheet
272Kb / 6P
Bipolar Transistor 15V, 0.7A, Low VCE(sat), NPN Single PCP
September, 2013
15C01C ONSEMI-15C01C Datasheet
308Kb / 6P
Bipolar Transistor 15V, 0.7A, Low VCE(sat) NPN Single CP
August, 2013
15C01M ONSEMI-15C01M Datasheet
309Kb / 6P
Bipolar Transistor 15V, 0.7A, Low VCE(sat) NPN Single MCP
August, 2013
30C02MH ONSEMI-30C02MH Datasheet
369Kb / 6P
Bipolar Transistor 30V, 0.7A, Low VCE(sat) NPN Single MCPH3
August, 2013
MCH3105 ONSEMI-MCH3105 Datasheet
409Kb / 7P
Bipolar Transistor (-)50V, (-)3A, Low VCE(sat), (PNP)NPN Single MCPH3
September, 2013
MCH3106 ONSEMI-MCH3106 Datasheet
372Kb / 7P
Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single MCPH3
September, 2013
MCH3109 ONSEMI-MCH3109 Datasheet
408Kb / 7P
Bipolar Transistor (-)30V, (-)3A, Low VCE(sat), (PNP)NPN Single MCPH3
September, 2013
MCH3145 ONSEMI-MCH3145 Datasheet
436Kb / 8P
Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single MCPH3
September, 2013
MCH6534 ONSEMI-MCH6534 Datasheet
524Kb / 6P
Bipolar Transistor 15V, 0.7A, Low VCE(sat) NPN Single MCPH6
August, 2013
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com