Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA2210 Datasheet (PDF) - ON Semiconductor

2SA2210 Datasheet PDF - ON Semiconductor
Part # 2SA2210
Download  2SA2210 Download
File Size   248.01 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Bipolar Transistor -50V, -20A, Low VCE(sat) PNP TO-220F-3SG

2SA2210 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA2210 Datasheet PDF - ON Semiconductor

Part # 2SA2210
Download  2SA2210 Click to download

File Size   248.01 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Bipolar Transistor -50V, -20A, Low VCE(sat) PNP TO-220F-3SG

2SA2210 Datasheet (HTML) - ON Semiconductor


2SA2210 Product details

Bipolar Transistor –50V, –20A, Low VCE(sat) PNP TO-220F-3SG

Features
• Adoption of MBIT processes
• Large current capacitance
• Low collector-to-emitter saturation voltage
• High-speed switching

Applications
• Relay drivers, lamp drivers, motor drivers.




Similar Part No. - 2SA2210

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA2210 SANYO-2SA2210 Datasheet
57Kb / 4P
PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SA2210 SANYO-2SA2210 Datasheet
249Kb / 5P
PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
logo
Inchange Semiconductor ...
2SA2210 ISC-2SA2210 Datasheet
282Kb / 2P
isc Silicon PNP Power Transistor
logo
SYC Electronica
2SA2210 SYC-2SA2210 Datasheet
286Kb / 7P
Bipolar Transistor –50V, –20A, Low VCE(sat) PNP TO-220F-3SG
logo
Sanyo Semicon Device
2SA2210 SANYO-2SA2210_12 Datasheet
249Kb / 5P
PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
More results


Similar Description - 2SA2210

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SA2112 ONSEMI-2SA2112 Datasheet
576Kb / 7P
Bipolar Transistor -50V, -3A, Low VCE(sat), PNP Single NMP
September, 2013
2SA2153 ONSEMI-2SA2153 Datasheet
325Kb / 6P
Bipolar Transistor -50V, -2A, Low VCE(sat), PNP Single PCP
September, 2013
2SA2186 ONSEMI-2SA2186 Datasheet
584Kb / 7P
Bipolar Transistor -50V, -2A, Low VCE(sat), PNP Single NMP
September, 2013
2SA2222SG ONSEMI-2SA2222SG Datasheet
245Kb / 7P
Bipolar Transistor -50V, -10A, Low VCE(sat) PNP TO-220F-3FS
September, 2013
2SB1122 ONSEMI-2SB1122 Datasheet
81Kb / 4P
Bipolar Transistor -50V, -1A, Low VCE(sat) PNP Single PCP
December, 2013
2SC6144SG ONSEMI-2SC6144SG Datasheet
240Kb / 7P
Bipolar Transistor 50V, 10A, Low VCE(sat) NPN TO-220F-3FS
September, 2013
50A02SS ONSEMI-50A02SS Datasheet
515Kb / 7P
Bipolar Transistor -50V, -0.4A, Low VCE(sat) PNP Single SSFP
August, 2013
CPH6531 ONSEMI-CPH6531 Datasheet
529Kb / 6P
Bipolar Transistor -50V, -1A, Low VCE(sat) PNP Dual CPH6
August, 2013
ECH8503 ONSEMI-ECH8503 Datasheet
310Kb / 7P
Bipolar Transistor -50V, -5A, Low VCE(sat) PNP Dual ECH8
August, 2013
MCH6123 ONSEMI-MCH6123 Datasheet
510Kb / 6P
Bipolar Transistor -50V, -3A, Low VCE(sat), PNP Single MCPH6
September, 2013
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com