Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC6144SG Datasheet (PDF) - ON Semiconductor

2SC6144SG Datasheet PDF - ON Semiconductor
Part # 2SC6144SG
Download  2SC6144SG Download
File Size   240.25 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Bipolar Transistor 50V, 10A, Low VCE(sat) NPN TO-220F-3FS

2SC6144SG Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC6144SG Datasheet PDF - ON Semiconductor

Part # 2SC6144SG
Download  2SC6144SG Click to download

File Size   240.25 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Bipolar Transistor 50V, 10A, Low VCE(sat) NPN TO-220F-3FS

2SC6144SG Datasheet (HTML) - ON Semiconductor


2SC6144SG Product details

Bipolar Transistor
50V, 10A, Low VCE(sat) NPN TO-220F-3FS

Features
• Adoption of MBIT process 
• Large current capacitance (IC=10A)
• Low collector-to-emitter saturation voltage (VCE(sat)=180mV(typ.))
• High-speed switching (tf=25ns(typ.))

Applications
• Relay drivers, lamp drivers, motor drivers




Similar Part No. - 2SC6144SG

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC6144SG SANYO-2SC6144SG Datasheet
309Kb / 4P
High-Current Switching Applications
More results


Similar Description - 2SC6144SG

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
USS4450 UTC-USS4450 Datasheet
219Kb / 4P
50V, 5A NPN LOW VCE(SAT) TRANSISTOR
logo
ON Semiconductor
2SC5994-TD-E ONSEMI-2SC5994-TD-E Datasheet
327Kb / 7P
Bipolar Transistor 50V, 2A, Low VCE(sat), NPN Single PCP
September, 2013
50C02CH-TL-E ONSEMI-50C02CH-TL-E Datasheet
591Kb / 7P
Bipolar Transistor 50V, 0.5A, Low VCE(sat) NPN Single CPH3
August, 2013
2SA2169 ONSEMI-2SA2169 Datasheet
426Kb / 10P
Bipolar Transistor (-)50V, (-)10A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SA2210 ONSEMI-2SA2210 Datasheet
248Kb / 7P
Bipolar Transistor -50V, -20A, Low VCE(sat) PNP TO-220F-3SG
September, 2013
2SA2222SG ONSEMI-2SA2222SG Datasheet
245Kb / 7P
Bipolar Transistor -50V, -10A, Low VCE(sat) PNP TO-220F-3FS
September, 2013
2SB1143 ONSEMI-2SB1143 Datasheet
320Kb / 7P
Bipolar Transistor (-)50V, (-)4A, Low VCE(sat), (PNP)NPN Single TO-126ML
September, 2013
50C02SS ONSEMI-50C02SS Datasheet
515Kb / 7P
Bipolar Transistor 50V, 0.4A, Low VCE(sat) NPN Single SSFP
August, 2013
CPH3212 ONSEMI-CPH3212 Datasheet
582Kb / 6P
Bipolar Transistor 50V, 5A, Low VCE(sat), NPN Single CPH3
September, 2013
MCH6544 ONSEMI-MCH6544 Datasheet
532Kb / 7P
Bipolar Transistor 50V, 0.5A, Low VCE(sat) NPN Single MCPH6
August, 2013
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com