Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT6241 Datasheet (PDF) - ON Semiconductor

CAT6241 Datasheet PDF - ON Semiconductor
Part # CAT6241
Download  CAT6241 Download
File Size   571.96 Kbytes
Page   17 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 1 Amp Adjustable CMOS LDO Voltage Regulator

CAT6241 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAT6241 Datasheet PDF - ON Semiconductor

Part # CAT6241
Download  CAT6241 Click to download

File Size   571.96 Kbytes
Page   17 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 1 Amp Adjustable CMOS LDO Voltage Regulator

CAT6241 Datasheet (HTML) - ON Semiconductor


CAT6241 Product details

Description
The CAT6241 is a low dropout CMOS voltage regulator providing up to 1000 mA of output current with fast response to load current and line voltage changes. CAT6241 offers a user adjustable output voltage from 0.5 V to 5.0 V and its low quiescent current make CAT6241 ideal for energy conscious designs. CAT6241 is available in space saving 2 mm x 2 mm UDFN−8 and 3 mm x 3 mm WDFN−6 packages, each with a power pad for heat sinking to the PCB.

Features
• Guaranteed 1000 mA Continuous Output Current
• VOUT: 0.5 V to 5.0 V, Minimum VIN: 1.6 V
• Dropout Voltage of 350 mV Typical at 1000 mA
• ±2.0% Output Voltage Accuracy at Room Temperature
• No−load Ground Current of 70 μA Typical
• Full−load Ground Current of 140 μA Typical
• “Zero” Current Shutdown Mode
• Under Voltage Lockout
• Stable with Ceramic Output Capacitors
• Current Limit and Thermal Protection
• 2 mm x 2 mm UDFN−8 and 3 mm x 3 mm WDFN−6 Packages
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
   Compliant

Typical Applications
• DSP Core and I/O Voltages
• FPGAs, ASICs
• PDAs, Mobile Phones, GPS
• Camcorders and Cameras
• Hard Disk Drives




Similar Part No. - CAT6241

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6242 ONSEMI-CAT6242 Datasheet
358Kb / 14P
1.3 Amp CMOS LDO Voltage Regulator
November, 2012 ??Rev. 4
CAT6243 ONSEMI-CAT6243 Datasheet
406Kb / 15P
1 Amp Adjustable CMOS LDO Voltage Regulator
July, 2012 ??Rev. 5
CAT6243 ONSEMI-CAT6243 Datasheet
355Kb / 15P
1 Amp Adjustable CMOS LDO Voltage Regulator
February, 2015 ??Rev. 8
CAT6243 ONSEMI-CAT6243 Datasheet
367Kb / 15P
1 Amp Adjustable CMOS LDO Voltage Regulator
March, 2016 ??Rev. 10
CAT6243-ADJMT5T3 ONSEMI-CAT6243-ADJMT5T3 Datasheet
367Kb / 15P
1 Amp Adjustable CMOS LDO Voltage Regulator
March, 2016 ??Rev. 10
More results


Similar Description - CAT6241

ManufacturerPart #DatasheetDescription
logo
AUK corp
S1117AQ AUK-S1117AQ Datasheet
394Kb / 6P
Adjustable and Fixed LDO Voltage Regulator
logo
Sipex Corporation
SP317 SIPEX-SP317 Datasheet
438Kb / 13P
3-Terminal 1 Amp Adjustable Voltage Regulator
logo
Advanced Analogic Techn...
AAT3244 ANALOGICTECH-AAT3244 Datasheet
824Kb / 15P
300mA Adjustable Dual CMOS Low Voltage LDO Linear Regulator
logo
ON Semiconductor
CAT6243 ONSEMI-CAT6243 Datasheet
406Kb / 15P
1 Amp Adjustable CMOS LDO Voltage Regulator
July, 2012 ??Rev. 5
logo
HuaXinAn Electronics CO...
AP1151ADS HUAXINAN-AP1151ADS Datasheet
1Mb / 27P
Input Adjustable Voltage LDO Regulator
AP1155ADU HUAXINAN-AP1155ADU Datasheet
737Kb / 23P
Output Adjustable Voltage LDO Regulator
logo
ON Semiconductor
CAT6243 ONSEMI-CAT6243_15 Datasheet
355Kb / 15P
1 Amp Adjustable CMOS LDO Voltage Regulator
February, 2015 ??Rev. 8
CAT6242 ONSEMI-CAT6242 Datasheet
358Kb / 14P
1.3 Amp CMOS LDO Voltage Regulator
November, 2012 ??Rev. 4
CAT6243 ONSEMI-CAT6243_16 Datasheet
367Kb / 15P
1 Amp Adjustable CMOS LDO Voltage Regulator
March, 2016 ??Rev. 10
logo
Sipex Corporation
SP317V2-L-TR SIPEX-SP317V2-L-TR Datasheet
304Kb / 13P
3-Terminal 1 Amp Adjustable Voltage Regulator
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com