Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBD250G Datasheet (PDF) - ON Semiconductor

DBD250G Datasheet PDF - ON Semiconductor
Part # DBD250G
Download  DBD250G Download
File Size   656.67 Kbytes
Page   2 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 25.0A Single-Phase Bridge Rectifier

DBD250G Datasheet (PDF)

Go To PDF Page Download Datasheet
DBD250G Datasheet PDF - ON Semiconductor

Part # DBD250G
Download  DBD250G Click to download

File Size   656.67 Kbytes
Page   2 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 25.0A Single-Phase Bridge Rectifier

DBD250G Datasheet (HTML) - ON Semiconductor


DBD250G Product details

Features
• Plastic molded structure
• Glass passivation for high reliability
• Peak reverse voltage: VRM=600V
• Average output current: IO=25.0A




Similar Part No. - DBD250G

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBD250 SANYO-DBD250 Datasheet
47Kb / 3P
Diffused Junction Silicon Diode 25.0A Single-Phase Bridge Rectifier
DBD250 SANYO-DBD250 Datasheet
46Kb / 3P
25.0A Single-Phase Bridge Rectifier
DBD250 SANYO-DBD250_10 Datasheet
46Kb / 3P
25.0A Single-Phase Bridge Rectifier
More results


Similar Description - DBD250G

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBA250 SANYO-DBA250 Datasheet
40Kb / 2P
25.0A Single-Phase Bridge Rectifier
logo
TAITRON Components Inco...
TB2505 TAITRON-TB2505 Datasheet
212Kb / 5P
25.0A Single-Phase Bridge Rectifier
TB2505W TAITRON-TB2505W Datasheet
218Kb / 5P
25.0A Single-Phase Bridge Rectifier
logo
Sanyo Semicon Device
DBD250 SANYO-DBD250 Datasheet
47Kb / 3P
Diffused Junction Silicon Diode 25.0A Single-Phase Bridge Rectifier
logo
Gulf Semiconductor
KBPC25005 GULFSEMI-KBPC25005 Datasheet
662Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 25.0A
logo
Sanyo Semicon Device
DBA250 SANYO-DBA250_00 Datasheet
22Kb / 2P
25.0A Single-Phase Bridge Rectifier
DBD250 SANYO-DBD250_10 Datasheet
46Kb / 3P
25.0A Single-Phase Bridge Rectifier
logo
Sangdest Microelectroni...
GBPC25005 SMC-GBPC25005 Datasheet
125Kb / 4P
Single-Phase 25.0A Glass Passivated Bridge Rectifier
logo
SMC Diode Solutions Co....
GBJ25005 SMCDIODE-GBJ25005 Datasheet
391Kb / 5P
Single-Phase 25.0A Glass Passivated Bridge Rectifier
Rev. A
GBU25005 SMCDIODE-GBU25005 Datasheet
341Kb / 5P
Single-Phase 25.0A Glass Passivated Bridge Rectifier
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com