Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBD250 Datasheet (PDF) - Sanyo Semicon Device

DBD250 Datasheet PDF - Sanyo Semicon Device
Part # DBD250
Download  DBD250 Download
File Size   47.4 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Diffused Junction Silicon Diode 25.0A Single-Phase Bridge Rectifier

DBD250 Datasheet (PDF)

Go To PDF Page Download Datasheet
DBD250 Datasheet PDF - Sanyo Semicon Device

Part # DBD250
Download  DBD250 Click to download

File Size   47.4 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Diffused Junction Silicon Diode 25.0A Single-Phase Bridge Rectifier

DBD250 Datasheet (HTML) - Sanyo Semicon Device


DBD250 Product details

Diffused Junction Silicon Diode

Features
• Plastic molded structure.
• Glass passivation for high reliability.
• Peak reverse voltage : VRM=200V, 600V.
• Average output current : IO=25.0A.




Similar Part No. - DBD250

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBD250 SANYO-DBD250 Datasheet
46Kb / 3P
25.0A Single-Phase Bridge Rectifier
logo
ON Semiconductor
DBD250G ONSEMI-DBD250G Datasheet
656Kb / 2P
25.0A Single-Phase Bridge Rectifier
April, 2014
logo
Sanyo Semicon Device
DBD250 SANYO-DBD250_10 Datasheet
46Kb / 3P
25.0A Single-Phase Bridge Rectifier
More results


Similar Description - DBD250

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBA250 SANYO-DBA250 Datasheet
40Kb / 2P
25.0A Single-Phase Bridge Rectifier
DBA500G SANYO-DBA500G Datasheet
48Kb / 3P
Diffused Junction Silicon Diode 50A Single-Phase Bridge Rectifier
DBG150G SANYO-DBG150G Datasheet
36Kb / 3P
Diffused Junction Silicon Diode 15A Single-Phase Bridge Rectifier
DBG250G SANYO-DBG250G Datasheet
36Kb / 3P
Diffused Junction Silicon Diode 25A Single-Phase Bridge Rectifier
logo
TAITRON Components Inco...
TB2505 TAITRON-TB2505 Datasheet
212Kb / 5P
25.0A Single-Phase Bridge Rectifier
TB2505W TAITRON-TB2505W Datasheet
218Kb / 5P
25.0A Single-Phase Bridge Rectifier
logo
Sanyo Semicon Device
DBA250 SANYO-DBA250_00 Datasheet
22Kb / 2P
25.0A Single-Phase Bridge Rectifier
DBD250 SANYO-DBD250_10 Datasheet
46Kb / 3P
25.0A Single-Phase Bridge Rectifier
logo
ON Semiconductor
DBD250G ONSEMI-DBD250G Datasheet
656Kb / 2P
25.0A Single-Phase Bridge Rectifier
April, 2014
logo
SMC Diode Solutions Co....
GBU25005 SMCDIODE-GBU25005 Datasheet
341Kb / 5P
Single-Phase 25.0A Glass Passivated Bridge Rectifier
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com