Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBA500G Datasheet (PDF) - Sanyo Semicon Device

DBA500G Datasheet PDF - Sanyo Semicon Device
Part # DBA500G
Download  DBA500G Download
File Size   48.18 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Diffused Junction Silicon Diode 50A Single-Phase Bridge Rectifier

DBA500G Datasheet (PDF)

Go To PDF Page Download Datasheet
DBA500G Datasheet PDF - Sanyo Semicon Device

Part # DBA500G
Download  DBA500G Click to download

File Size   48.18 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Diffused Junction Silicon Diode 50A Single-Phase Bridge Rectifier

DBA500G Datasheet (HTML) - Sanyo Semicon Device


DBA500G Product details

Diffused Junction Silicon Diode

Features
• Plastic molded structure
• Peak reverse voltage : VRM=600V
• Average output current : IO=50A




Similar Part No. - DBA500G

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBA500G SANYO-DBA500G Datasheet
101Kb / 3P
50A Single-Phase Bridge Rectifier
DBA500G SANYO-DBA500G_10 Datasheet
101Kb / 3P
50A Single-Phase Bridge Rectifier
More results


Similar Description - DBA500G

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBG150G SANYO-DBG150G Datasheet
36Kb / 3P
Diffused Junction Silicon Diode 15A Single-Phase Bridge Rectifier
DBG250G SANYO-DBG250G Datasheet
36Kb / 3P
Diffused Junction Silicon Diode 25A Single-Phase Bridge Rectifier
logo
TAITRON Components Inco...
MB5005 TAITRON-MB5005 Datasheet
144Kb / 4P
50A Single-Phase Bridge Rectifier
logo
Sanyo Semicon Device
DBD250 SANYO-DBD250 Datasheet
47Kb / 3P
Diffused Junction Silicon Diode 25.0A Single-Phase Bridge Rectifier
DBA500G SANYO-DBA500G_10 Datasheet
101Kb / 3P
50A Single-Phase Bridge Rectifier
logo
Nell Semiconductor Co.,...
KBJ50 NELLSEMI-KBJ50 Datasheet
1Mb / 3P
Single-Phase Bridge Rectifier, 50A
KBPC50 NELLSEMI-KBPC50 Datasheet
313Kb / 3P
Single-Phase Bridge Rectifier, 50A
MP50S NELLSEMI-MP50S Datasheet
268Kb / 3P
Single-Phase Bridge Rectifier, 50A
logo
Toshiba Semiconductor
CRG09A TOSHIBA-CRG09A Datasheet
307Kb / 7P
Rectifier Diode Silicon Diffused Junction
CRG10A TOSHIBA-CRG10A Datasheet
300Kb / 7P
Rectifier Diode Silicon Diffused Junction
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com