Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN2797B Datasheet (PDF) - ON Semiconductor

EN2797B Datasheet PDF - ON Semiconductor
Part # EN2797B
Download  EN2797B Download
File Size   697.46 Kbytes
Page   2 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 4.0A Single-Phase Bridge Rectifier

EN2797B Datasheet (PDF)

Go To PDF Page Download Datasheet
EN2797B Datasheet PDF - ON Semiconductor

Part # EN2797B
Download  EN2797B Click to download

File Size   697.46 Kbytes
Page   2 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 4.0A Single-Phase Bridge Rectifier

EN2797B Datasheet (HTML) - ON Semiconductor


EN2797B Product details

Features
• Glass passivation for high reliability
• Plastic molded structure
• Peak reverse voltage : VRM=600V
• Average output current : IO=4.0A




Similar Part No. - EN2797B

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EN271D-05A FUJI-EN271D-05A Datasheet
228Kb / 7P
Z-TRAP ENE(Nominal varistor voltage 200 to 470V
EN271D-07A FUJI-EN271D-07A Datasheet
228Kb / 7P
Z-TRAP ENE(Nominal varistor voltage 200 to 470V
EN271D-10A FUJI-EN271D-10A Datasheet
228Kb / 7P
Z-TRAP ENE(Nominal varistor voltage 200 to 470V
EN271D-14A FUJI-EN271D-14A Datasheet
228Kb / 7P
Z-TRAP ENE(Nominal varistor voltage 200 to 470V
EN271D-20A FUJI-EN271D-20A Datasheet
228Kb / 7P
Z-TRAP ENE(Nominal varistor voltage 200 to 470V
More results


Similar Description - EN2797B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBA40 SANYO-DBA40 Datasheet
52Kb / 2P
4.0A Single-Phase Bridge Rectifier
DBF40 SANYO-DBF40 Datasheet
49Kb / 2P
4.0A Single-Phase Bridge Rectifier
DBF40T SANYO-DBF40T Datasheet
49Kb / 2P
4.0A Single-Phase Bridge Rectifier
logo
Won-Top Electronics
GBL00 WTE-GBL00 Datasheet
46Kb / 4P
4.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
KBL400 WTE-KBL400_06 Datasheet
48Kb / 4P
4.0A SINGLE-PHASE BRIDGE RECTIFIER
KBU400 WTE-KBU400_06 Datasheet
50Kb / 4P
4.0A SINGLE-PHASE BRIDGE RECTIFIER
logo
Sanyo Semicon Device
DBA40 SANYO-DBA40_00 Datasheet
24Kb / 3P
4.0A Single-Phase Bridge Rectifier
DBF40 SANYO-DBF40_09 Datasheet
87Kb / 2P
4.0A Single-Phase Bridge Rectifier
logo
SMC Diode Solutions Co....
GBU4005 SMCDIODE-GBU4005 Datasheet
334Kb / 5P
Single-Phase 4.0A Glass Passivated Bridge Rectifier
Rev. A
GBU4005G SMCDIODE-GBU4005G Datasheet
317Kb / 5P
Single-Phase 4.0A Glass Passivated Bridge Rectifier
Rev. A
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com