Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX038 Datasheet (PDF) - Maxim Integrated Products

MAX038 Datasheet PDF - Maxim Integrated Products
Part # MAX038
Download  MAX038 Download
File Size   203.11 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Frequency Waveform Generator

MAX038 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX038 Datasheet PDF - Maxim Integrated Products

Part # MAX038
Download  MAX038 Click to download

File Size   203.11 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Frequency Waveform Generator

MAX038 Datasheet (HTML) - Maxim Integrated Products


MAX038 Product details

General Description
The MAX038 is a high-frequency, precision function generator producing accurate, high-frequency triangle, sawtooth, sine, square, and pulse waveforms with a minimum of external components. The output frequency can be controlled over a frequency range of 0.1Hz to 20MHz by an internal 2.5V bandgap voltage reference and an external resistor and capacitor. The duty cycle can be varied over a wide range by applying a ±2.3V control signal, facilitating pulse-width modulation and the generation of sawtooth waveforms. Frequency modulation and frequency sweeping are achieved in the same way. The duty cycle and frequency controls are independent.

Features
♦ 0.1Hz to 20MHz Operating Frequency Range
♦ Triangle, Sawtooth, Sine, Square, and Pulse Waveforms
♦ Independent Frequency and Duty-Cycle Adjustments
♦ 350 to 1 Frequency Sweep Range
♦ 15% to 85% Variable Duty Cycle
♦ Low-Impedance Output Buffer: 0.1Ω
♦ Low-Distortion Sine Wave: 0.75%
♦ Low 200ppm/°C Temperature Drift

Applications
  Precision Function Generators
  Voltage-Controlled Oscillators
  Frequency Modulators
  Pulse-Width Modulators
  Phase-Locked Loops
  Frequency Synthesizer
  FSK Generator—Sine and Square Waves




Similar Part No. - MAX038

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX038 MAXIM-MAX038 Datasheet
106Kb / 8P
Evaluation Kit
1196
MAX038CCP MAXIM-MAX038CCP Datasheet
106Kb / 8P
Evaluation Kit
1196
MAX038CPP MAXIM-MAX038CPP Datasheet
106Kb / 8P
Evaluation Kit
1196
MAX038EVKIT MAXIM-MAX038EVKIT Datasheet
120Kb / 9P
MAX038 Evaluation Kit
1996
MAX038EVKIT-DIP MAXIM-MAX038EVKIT-DIP Datasheet
120Kb / 9P
MAX038 Evaluation Kit
1996
More results


Similar Description - MAX038

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR8038 EXAR-XR8038 Datasheet
150Kb / 16P
Precision Waveform Generator
logo
Analog Devices
AD5932 AD-AD5932 Datasheet
473Kb / 28P
Programmable Frequency Scan Waveform Generator
REV. 0
logo
Exar Corporation
XR-8038A EXAR-XR-8038A Datasheet
26Kb / 4P
Precision Waveform Generator
logo
ASM GmbH
7075 ASM-SENSOR-7075 Datasheet
1Mb / 8P
WAVEFORM GENERATOR
logo
Analog Devices
AD5932 AD-AD5932_15 Datasheet
433Kb / 28P
Programmable Frequency Scan Waveform Generator
REV. A
logo
Keysight Technologies
M9330A KEYSIGHT-M9330A Datasheet
739Kb / 12P
Arbitrary Waveform Generator
M9331A KEYSIGHT-M9331A Datasheet
747Kb / 12P
Arbitrary Waveform Generator
N8241A KEYSIGHT-N8241A Datasheet
1Mb / 13P
Arbitrary Waveform Generator
logo
Analog Devices
AD5932 AD-AD5932_17 Datasheet
519Kb / 28P
Programmable Frequency Scan Waveform Generator
4/2017-Rev. B to Rev. C
AD9837 AD-AD9837_12 Datasheet
755Kb / 28P
Programmable Waveform Generator
12/12-Rev. 0 to Rev. A
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com