Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAP64Q Datasheet (PDF) - NXP Semiconductors

BAP64Q Datasheet PDF - NXP Semiconductors
Part # BAP64Q_15
Download  BAP64Q Download
File Size   153.44 Kbytes
Page   13 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Quad PIN diode attenuator

BAP64Q Datasheet (PDF)

Go To PDF Page Download Datasheet
BAP64Q Datasheet PDF - NXP Semiconductors

Part # BAP64Q_15
Download  BAP64Q Click to download

File Size   153.44 Kbytes
Page   13 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Quad PIN diode attenuator

BAP64Q Datasheet (HTML) - NXP Semiconductors




Similar Part No. - BAP64Q_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAP64Q NXP-BAP64Q Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
More results


Similar Description - BAP64Q_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4P274-1225T MACOM-MA4P274-1225T Datasheet
209Kb / 10P
Quad PIN Diode p Attenuator 5 .3000 MHz
logo
Microsemi Corporation
UM9552 MICROSEMI-UM9552 Datasheet
105Kb / 4P
PIN DIODE ATTENUATOR
logo
Tyco Electronics
MA4P274-1225T MACOM-MA4P274-1225T_1 Datasheet
672Kb / 12P
Quad PIN Diode Attenuator 5 -3000 MHz
MA4P290-1225T MACOM-MA4P290-1225T Datasheet
183Kb / 6P
PIN Diode ? Quad Attenuator
logo
Merrimac Industries, In...
AEF-35A-500 MERRIMAC-AEF-35A-500 Datasheet
94Kb / 1P
PIN DIODE ATTENUATOR
logo
M/A-COM Technology Solu...
MA4P274-1225 MA-COM-MA4P274-1225 Datasheet
414Kb / 7P
Quad PIN Diode ? Attenuator 10 - 4000 MHz
MA4P290-1225T MA-COM-MA4P290-1225T Datasheet
129Kb / 6P
PIN Diode ? Quad Attenuator
MA4P7455-1225 MA-COM-MA4P7455-1225 Datasheet
352Kb / 7P
Quad PIN Diode ? Attenuator 10 - 4000 MHz
logo
NXP Semiconductors
BAP70Q PHILIPS-BAP70Q_15 Datasheet
143Kb / 13P
Quad PIN diode attenuator
Rev. 2-6 March 2012
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3816 AVAGO-HSMP-3816_15 Datasheet
326Kb / 6P
Quad PIN Diode Pi Attenuator 300 kHz to 3 GHz
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com