Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM9552 Datasheet (PDF) - Microsemi Corporation

UM9552 Datasheet PDF - Microsemi Corporation
Part # UM9552
Download  UM9552 Download
File Size   105.82 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description PIN DIODE ATTENUATOR

UM9552 Datasheet (PDF)

Go To PDF Page Download Datasheet
UM9552 Datasheet PDF - Microsemi Corporation

Part # UM9552
Download  UM9552 Click to download

File Size   105.82 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description PIN DIODE ATTENUATOR

UM9552 Datasheet (HTML) - Microsemi Corporation


UM9552 Product details

Description
The UM9552 is a very long minority carrier lifetime (70 ms typical) PIN DIODE that has been developed for low HF or LF Band Attenuator Applications. They have been evaluated for attenuator linearity and distortion characteristics in a Bridge Tee Attenuator Circuit at 455 KHz (the common intermediate frequency for AM transmitters and receivers). When the UM9552’s are used as the two variable resistors in the Bridged Tee Circuit, the Third Order Intermodulation Products are below -60 dBc with 0 dBm input power over an attenuation range of 4 dB to 30 dB.
These thicker, longer lifetime PIN diodes exhibit a more linear forward biased resistance (RS) vs forward bias current (If) relationship, which greatly simplifies the design of the driver circuits that supply the bias currents over the specified attenuation range. This task is simplified if the low attenuation range is truncated and the few dB are compensated by commercially available, inexpensive 4 to 6 dB gain blocks.

Features
● Low Frequency Attenuator
● HF/LF Band Operation
● Long Lifetime (70 ms typ.)
● Very Low Distortion (IP3 @ 455 KHz = < 60 dBm)




Similar Part No. - UM9552

ManufacturerPart #DatasheetDescription
logo
UMC Corporation
UM9559E UMC-UM9559E Datasheet
615Kb / 7P
TONE DIALER
UM9559F UMC-UM9559F Datasheet
615Kb / 7P
TONE DIALER
More results


Similar Description - UM9552

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DA0295 ETC1-DA0295 Datasheet
47Kb / 1P
PIN DIODE 7 SECTION ATTENUATOR
logo
DAICO Industries, Inc.
100C1585 DAICO-100C1585 Datasheet
45Kb / 1P
PIN Diode 7 Section Attenuator
DA0660 DAICO-DA0660 Datasheet
170Kb / 1P
PIN Diode 5 Section Attenuator
DA0769 DAICO-DA0769 Datasheet
163Kb / 1P
PIN Diode 5 Section Attenuator
logo
Tyco Electronics
MA4P290-1225T MACOM-MA4P290-1225T Datasheet
183Kb / 6P
PIN Diode ? Quad Attenuator
logo
Merrimac Industries, In...
AEF-35A-500 MERRIMAC-AEF-35A-500 Datasheet
94Kb / 1P
PIN DIODE ATTENUATOR
logo
M/A-COM Technology Solu...
MA4P290-1225T MA-COM-MA4P290-1225T Datasheet
129Kb / 6P
PIN Diode ? Quad Attenuator
MA4VAT900-1277T MA-COM-MA4VAT900-1277T Datasheet
93Kb / 4P
HMIC PIN Diode Variable Attenuator
logo
NXP Semiconductors
BAP64Q PHILIPS-BAP64Q_15 Datasheet
153Kb / 13P
Quad PIN diode attenuator
Rev. 1-7 October 2010
BAP70Q PHILIPS-BAP70Q_15 Datasheet
143Kb / 13P
Quad PIN diode attenuator
Rev. 2-6 March 2012
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com