Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX108 Datasheet (PDF) - Maxim Integrated Products

MAX108 Datasheet PDF - Maxim Integrated Products
Part # MAX108
Download  MAX108 Download
File Size   428.72 Kbytes
Page   32 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description `짹5V, 1.5Gsps, 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier

MAX108 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX108 Datasheet PDF - Maxim Integrated Products

Part # MAX108
Download  MAX108 Click to download

File Size   428.72 Kbytes
Page   32 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description `짹5V, 1.5Gsps, 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier

MAX108 Datasheet (HTML) - Maxim Integrated Products


MAX108 Product details

General Description
The MAX108 PECL-compatible, 1.5Gsps, 8-bit analog-to-digital converter (ADC) allows accurate digitizing of analog signals with bandwidths to 2.2GHz. Fabricated on Maxim’s proprietary advanced GST-2 bipolar process, the MAX108 integrates a high-performance track/hold (T/H) amplifier and a quantizer on a single monolithic die.

Features
♦ 1.5Gsps Conversion Rate
♦ 2.2GHz Full-Power Analog Input Bandwidth
♦ 7.5 Effective Bits at fIN = 750MHz (Nyquist Frequency)
♦ ±0.25LSB INL and DNL
♦ 50Ω Differential Analog Inputs
♦ ±250mV Input Signal Range
♦ On-Chip, +2.5V Precision Bandgap Voltage Reference
♦ Latched, Differential PECL Digital Outputs
♦ Selectable 8:16 Demultiplexer
♦ Internal Demux Reset Input with Reset Output
♦ 192-Contact ESBGA Package
♦ Pin Compatible with MAX104 (1Gsps) and MAX106 (600Msps)

Applications
    Digital RF/IF Signal Processing
    Direct RF Downconversion
    High-Speed Data Acquisition
    Digital Oscilloscopes
    High-Energy Physics
    Radar/ECM Systems
    ATE Systems




Similar Part No. - MAX108

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX108 MAXIM-MAX108 Datasheet
786Kb / 20P
Demultiplexed Differential PECL Outputs
Rev 0; 6/99
MAX1080 MAXIM-MAX1080 Datasheet
550Kb / 24P
300ksps/400ksps, Single-Supply, Low-Power, 8-Channel, Serial 10-Bit ADCs with Internal Reference
19-1685; Rev 0; 5/00
MAX1080-MAX1081 MAXIM-MAX1080-MAX1081 Datasheet
550Kb / 24P
300ksps/400ksps, Single-Supply, Low-Power, 8-Channel, Serial 10-Bit ADCs with Internal Reference
19-1685; Rev 0; 5/00
MAX1080ACUP MAXIM-MAX1080ACUP Datasheet
550Kb / 24P
300ksps/400ksps, Single-Supply, Low-Power, 8-Channel, Serial 10-Bit ADCs with Internal Reference
19-1685; Rev 0; 5/00
MAX1080AEUP MAXIM-MAX1080AEUP Datasheet
550Kb / 24P
300ksps/400ksps, Single-Supply, Low-Power, 8-Channel, Serial 10-Bit ADCs with Internal Reference
19-1685; Rev 0; 5/00
More results


Similar Description - MAX108

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX100 MAXIM-MAX100 Datasheet
123Kb / 16P
250Msps, 8-Bit ADC with Track/Hold
19-0282; Rev 0; 7/94
MAX101A MAXIM-MAX101A Datasheet
116Kb / 16P
500Msps, 8-Bit ADC with Track/Hold
19-1109; Rev 0; 7/96
MAX104 MAXIM-MAX104 Datasheet
637Kb / 32P
±5V, 1Gsps, 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier
Rev 1; 5/99
MAX106 MAXIM-MAX106 Datasheet
758Kb / 32P
짹5V, 600Msps, 8-Bit ADC with On-Chip 2.2GHz Bandwidth Track/Hold Amplifier
19-1486; Rev 0; 7/99
MAX101 MAXIM-MAX101 Datasheet
148Kb / 16P
500Msps, 8-Bit ADC with Track/Hold
Rev 0; 8/94
MAX106CHC-D MAXIM-MAX106CHC-D Datasheet
1Mb / 31P
±5V, 600Msps, 8-Bit ADC with On-Chip 2.2GHz Bandwidth Track/Hold Amplifier
Rev 1; 11/01
logo
Analog Devices
AD7575 AD-AD7575_15 Datasheet
150Kb / 12P
5 s 8-Bit ADC with Track/Hold
REV. B
AD7821 AD-AD7821_17 Datasheet
330Kb / 17P
8-Bit ADC with Track/Hold Function
23-Feb-2017
AD7575 AD-AD7575_17 Datasheet
181Kb / 13P
8-Bit ADC with Track/Hold
23-Feb-2017
AD7820 AD-AD7820_17 Datasheet
644Kb / 13P
8-Bit ADC with Track/Hold Function
23-Feb-2017
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com