Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX114 Datasheet (PDF) - Maxim Integrated Products

MAX114 Datasheet PDF - Maxim Integrated Products
Part # MAX114
Download  MAX114 Download
File Size   102.32 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 5V, 1Msps, 4 & 8-Channel, 8-Bit ADCs with 1關A Power-Down

MAX114 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX114 Datasheet PDF - Maxim Integrated Products

Part # MAX114
Download  MAX114 Click to download

File Size   102.32 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 5V, 1Msps, 4 & 8-Channel, 8-Bit ADCs with 1關A Power-Down

MAX114 Datasheet (HTML) - Maxim Integrated Products


MAX114 Product details

General Description
The MAX114/MAX118 are microprocessor-compatible, 8-bit, 4-channel and 8-channel analog-to-digital converters (ADCs). They operate from a single +5V supply and use a half-flash technique to achieve a 660ns conversion time (1Msps).

Features
♦ Single +5V Supply Operation
♦ 4 (MAX114) or 8 (MAX118) Analog Input Channels
♦ Low Power: 40mW (operating mode) 5µW (power-down mode)
♦ Total Unadjusted Error ≤1LSB
♦ Fast Conversion Time: 660ns per Channel
♦ No External Clock Required
♦ Internal Track/Hold
♦ 1MHz Full-Power Bandwidth
♦ Internally Connected 8th Channel Monitors Reference Voltage (MAX118)

Applications
    High-Speed DSP
    Remote Data Acquisition
    Portable Equipment
    Communications Systems




Similar Part No. - MAX114

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11410 MAXIM-MAX11410 Datasheet
1Mb / 95P
24-Bit Multi-Channel Low-Power
Rev 0; 5/16
MAX11410 MAXIM-MAX11410 Datasheet
5Mb / 20P
Savable Plots and Register Configurations
Rev 1; 1/21
MAX11410A MAXIM-MAX11410A Datasheet
1Mb / 95P
24-Bit, Multichannel, Low-Power 1.9ksps Delta-Sigma ADC with PGA
Rev 0; 10/20
MAX11410A MAXIM-MAX11410A Datasheet
5Mb / 20P
Savable Plots and Register Configurations
Rev 1; 1/21
MAX11410AATI+ MAXIM-MAX11410AATI+ Datasheet
1Mb / 95P
24-Bit, Multichannel, Low-Power 1.9ksps Delta-Sigma ADC with PGA
Rev 0; 10/20
More results


Similar Description - MAX114

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1196 LINER-LTC1196 Datasheet
452Kb / 28P
8-Bit, SO-8, 1MSPS ADCs with Auto-Shutdown Options
logo
Maxim Integrated Produc...
MAX113 MAXIM-MAX113 Datasheet
106Kb / 12P
3V, 400ksps, 4/8-Channel, 8-Bit ADCs with 1UA Power-Down
19-1081; Rev 1; 8/96
MAX153 MAXIM-MAX153 Datasheet
444Kb / 12P
1Msps, 關P-Compatible, 8-Bit ADC with 1關A Power-Down
19-4740; Rev 1; 10/93
MAX11120 MAXIM-MAX11120 Datasheet
3Mb / 40P
1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 0; 12/11
MAX11120 MAXIM-MAX11120_12 Datasheet
3Mb / 40P
1Msps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 1; 4/12
MAX11120_V2 MAXIM-MAX11120_V2 Datasheet
3Mb / 40P
1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 2; 6/12
logo
Linear Technology
LTC1196 LINER-LTC1196_15 Datasheet
905Kb / 28P
8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
LTC1198 LINER-LTC1198_15 Datasheet
905Kb / 28P
8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
logo
Maxim Integrated Produc...
MAX11120 MAXIM-MAX11120_V01 Datasheet
1Mb / 40P
1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
2019
MAX153 MAXIM-MAX153_V01 Datasheet
895Kb / 13P
1Msps, 關P-Compatible, 8-Bit ADC with 1關A Power-Down
2012
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com