Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX113 Datasheet (PDF) - Maxim Integrated Products

MAX113 Datasheet PDF - Maxim Integrated Products
Part # MAX113
Download  MAX113 Download
File Size   106.98 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3V, 400ksps, 4/8-Channel, 8-Bit ADCs with 1UA Power-Down

MAX113 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX113 Datasheet PDF - Maxim Integrated Products

Part # MAX113
Download  MAX113 Click to download

File Size   106.98 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3V, 400ksps, 4/8-Channel, 8-Bit ADCs with 1UA Power-Down

MAX113 Datasheet (HTML) - Maxim Integrated Products


MAX113 Product details

General Description
The MAX113/MAX117 are microprocessor-compatible, 8-bit, 4-channel and 8-channel analog-to-digital converters (ADCs). They operate from a single +3V supply and use a half-flash technique to achieve a 1.8µs conversion time (400ksps). A power-down pin (PWRDN) reduces current consumption to 1µA typical. The devices return from power-down mode to normal operating mode in less than 900ns, allowing large supplycurrent reductions in burst-mode applications. (In burst mode, the ADC wakes up from a low-power state at specified intervals to sample the analog input signals.) Both converters include a track/hold, enabling the ADC to digitize fast analog signals.

Features
♦ +3.0V to +3.6V Single-Supply Operation
♦ 4 (MAX113) or 8 (MAX117) Analog Input Channels
♦ Low Power: 1.5mA (operating mode)
                       1µA (power-down mode)
♦ Total Unadjusted Error ≤ 1LSB
♦ Fast Conversion Time: 1.8µs per Channel
♦ No External Clock Required
♦ Internal Track/Hold
♦ Ratiometric Reference Inputs
♦ Internally Connected 8th Channel Monitors Reference Voltage (MAX117)

Applications
    Battery-Powered Systems
    Portable Equipment
    System-Health Monitoring
    Remote Data Acquisition
    Communications Systems




Similar Part No. - MAX113

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11300 MAXIM-MAX11300 Datasheet
2Mb / 54P
Up to 20 General-Purpose Digital I/Os
Rev 3; 4/16
MAX11300 MAXIM-MAX11300 Datasheet
14Mb / 9P
Internal or External Reference for ADC and DAC
Rev 2; 6/14
MAX11300 MAXIM-MAX11300 Datasheet
8Mb / 32P
Optional 2.5V On-Board Reference (MAX6071)
Rev 1; 1/15
MAX11300 MAXIM-MAX11300 Datasheet
1,004Kb / 59P
MAX11300/MAX11301 PIXI Configuration Software User Guide
Rev 0, 1/15
MAX11300EVKIT MAXIM-MAX11300EVKIT Datasheet
8Mb / 32P
Optional 2.5V On-Board Reference (MAX6071)
Rev 1; 1/15
More results


Similar Description - MAX113

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1090 MAXIM-MAX1090 Datasheet
404Kb / 20P
400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
19-1640; Rev 0; 1/00
MAX114 MAXIM-MAX114 Datasheet
102Kb / 12P
5V, 1Msps, 4 & 8-Channel, 8-Bit ADCs with 1關A Power-Down
19-1083; Rev 1; 8/96
MAX152 MAXIM-MAX152 Datasheet
122Kb / 12P
3V, 8-Bit ADC with 1uA Power-Down
Rev. 1; 12/93
MAX1292 MAXIM-MAX1292 Datasheet
382Kb / 20P
400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
logo
Linear Technology
LTC1852 LINER-LTC1852 Datasheet
247Kb / 24P
8-Channel, 10-Bit/12-Bit, 400ksps, Low Power, Sampling ADCs
LTC1852 LINER-LTC1852_15 Datasheet
245Kb / 24P
8-Channel, 10-Bit/12-Bit, 400ksps, Low Power, Sampling ADCs
LTC1853 LINER-LTC1853_15 Datasheet
245Kb / 24P
8-Channel, 10-Bit/12-Bit, 400ksps, Low Power, Sampling ADCs
logo
Maxim Integrated Produc...
MAX1290 MAXIM-MAX1290 Datasheet
388Kb / 20P
400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1531; Rev 3; 12/02
MAX1262 MAXIM-MAX1262 Datasheet
386Kb / 20P
400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-2720; Rev 0; 04/03
MAX1090 MAXIM-MAX1090_V01 Datasheet
490Kb / 20P
400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
2002
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com