Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX113 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX113
Description  3V, 400ksps, 4/8-Channel, 8-Bit ADCs with 1UA Power-Down
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX113 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX113 Datasheet HTML 1Page - Maxim Integrated Products MAX113 Datasheet HTML 2Page - Maxim Integrated Products MAX113 Datasheet HTML 3Page - Maxim Integrated Products MAX113 Datasheet HTML 4Page - Maxim Integrated Products MAX113 Datasheet HTML 5Page - Maxim Integrated Products MAX113 Datasheet HTML 6Page - Maxim Integrated Products MAX113 Datasheet HTML 7Page - Maxim Integrated Products MAX113 Datasheet HTML 8Page - Maxim Integrated Products MAX113 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
+3V, 400ksps, 4/8-Channel,
8-Bit ADCs with 1µA Power-Down
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +3V to +3.6V, REF+ = 3V, REF- = GND, Read Mode (MODE = GND), TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND ..............................................................-0.3V to +7V
Digital Input Voltage to GND ......................-0.3V to (VDD + 0.3V)
Digital Output Voltage to GND ...................-0.3V to (VDD + 0.3V)
REF+ to GND..............................................-0.3V to (VDD + 0.3V)
REF- to GND...............................................-0.3V to (VDD + 0.3V)
IN_ to GND .................................................-0.3V to (VDD + 0.3V)
Continuous Power Dissipation (TA = +70°C)
24 Narrow Plastic DIP
(derate 13.33mW/°C above +70°C) ................................1.08W
24 SSOP (derate 8.00mW/°C above +70°C).................640mW
24 Narrow CERDIP (derate 12.50mW/°C above +70°C) .....1W
28 Wide Plastic DIP
(derate 14.29mW/°C above +70°C) ................................1.14W
28 SSOP (derate 9.52mW/°C above +70°C).................762mW
28 Wide CERDIP (derate 16.67mW/°C above +70°C)....1.33W
Operating Temperature Ranges
MAX113C_G/MAX117C_I ....................................0°C to +70°C
MAX113E_G/MAX117E_I ..................................-40°C to +85°C
MAX113MRG/MAX117MJI..............................-55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
VIN_ = 3Vp-p
MAX11_M, fSAMPLE = 340kHz, fIN = 30.725kHz
GND < VIN_ < VDD
MAX11_C/E, fSAMPLE = 400kHz, fIN = 30.273kHz
No-missing-codes guaranteed
CONDITIONS
V
VREF-
VDD
REF+ Input Voltage Range
k
Ω
12
4
RREF
Reference Resistance
pF
32
CIN_
Input Capacitance
µA
±3
IIN_
Input Leakage Current
V
VREF-
VREF+
VIN_
Input Voltage Range
V/µs
0.28
0.5
Input Slew Rate, Tracking
LSB
±1
TUE
Total Unadjusted Error
Bits
8
N
Resolution
MHz
0.3
Input Full-Power Bandwidth
dB
45
SINAD
Signal-to-Noise Plus
Distortion Ratio
45
LSB
±1
DNL
Differential Nonlinearity
LSB
±1
Zero-Code Error
LSB
±1
Full-Scale Error
LSB
±1/4
Channel-to-Channel Mismatch
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
MAX11_M, fSAMPLE = 340kHz, fIN = 30.725kHz
MAX11_C/E, fSAMPLE = 400kHz, fIN = 30.273kHz
dB
-50
THD
Total Harmonic Distortion
-50
MAX11_M, fSAMPLE = 340kHz, fIN = 30.725kHz
MAX11_C/E, fSAMPLE = 400kHz, fIN = 30.273kHz
dB
50
SFDR
Spurious-Free Dynamic
Range
50
V
GND
VREF+
REF- Input Voltage Range
ACCURACY (Note 1)
DYNAMIC PERFORMANCE
ANALOG INPUT
REFERENCE INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com