Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1150 Datasheet (PDF) - Maxim Integrated Products

MAX1150 Datasheet PDF - Maxim Integrated Products
Part # MAX1150
Download  MAX1150 Download
File Size   77.77 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 8-Bit, 500Msps Flash ADC

MAX1150 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1150 Datasheet PDF - Maxim Integrated Products

Part # MAX1150
Download  MAX1150 Click to download

File Size   77.77 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 8-Bit, 500Msps Flash ADC

MAX1150 Datasheet (HTML) - Maxim Integrated Products


MAX1150 Product details

General Description
The MAX1150 is a parallel flash analog-to-digital converter (ADC) capable of digitizing full-scale (0V to -2V) inputs into 8-bit digital words at an update rate of 500Msps. The ECL-compatible outputs are demuxed into two separate output banks, each with differential data-ready outputs to ease the task of data capture. The MAX1150’s wide input bandwidth and low capacitance eliminate the need for external track/hold amplifiers for most applications. A proprietary decoding scheme reduces metastable errors to 1LSB. This device operates from a single -5.2V supply, with a nominal power dissipation of 5.5W.

Features
♦ 1:2 Demuxed ECL-Compatible Outputs
♦ Wide Input Bandwidth: 900MHz
♦ Low Input Capacitance: 15pF
♦ Metastable Errors Reduced to 1LSB
♦ Single -5.2V Supply

Applications
    Digital Oscilloscopes
    Data Acquisition
    Transient-Capture Applications
    Radar, EW, ECM
    Direct RF/IF Downconversion




Similar Part No. - MAX1150

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11500 MAXIM-MAX11500 Datasheet
152Kb / 8P
Three-Channel, High-Definition Video Filter
Rev 0; 1/08
MAX11500 MAXIM-MAX11500 Datasheet
130Kb / 6P
Surface-Mount Components
Rev 0; 8/07
MAX11500EVKIT MAXIM-MAX11500EVKIT Datasheet
130Kb / 6P
Surface-Mount Components
Rev 0; 8/07
MAX11500EVKIT+ MAXIM-MAX11500EVKIT+ Datasheet
130Kb / 6P
Surface-Mount Components
Rev 0; 8/07
MAX11501 MAXIM-MAX11501 Datasheet
236Kb / 11P
Three-Channel, Standard-Definition Video Filters
Rev 1; 4/08
More results


Similar Description - MAX1150

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX101A MAXIM-MAX101A Datasheet
116Kb / 16P
500Msps, 8-Bit ADC with Track/Hold
19-1109; Rev 0; 7/96
MAX1114 MAXIM-MAX1114 Datasheet
114Kb / 12P
8-Bit, 150Msps Flash ADC
19-1101; Rev 0; 6/96
MAX1125 MAXIM-MAX1125 Datasheet
114Kb / 12P
8-Bit, 300Msps Flash ADC
19-1100; Rev 0; 6/96
MAX1151 MAXIM-MAX1151 Datasheet
78Kb / 8P
8-Bit, 750Msps Flash ADC
19-1170; Rev 0; 12/96
MAX101 MAXIM-MAX101 Datasheet
148Kb / 16P
500Msps, 8-Bit ADC with Track/Hold
Rev 0; 8/94
logo
Intersil Corporation
KMB001 INTERSIL-KMB001 Datasheet
871Kb / 7P
8-Bit to 16-Bit, 40MSPS to 500MSPS ADC Evaluation System
March 31, 2011
ISLA214P50 INTERSIL-ISLA214P50 Datasheet
953Kb / 39P
14-Bit, 500MSPS ADC
December 10, 2012
logo
Renesas Technology Corp
ISLA212P50 RENESAS-ISLA212P50 Datasheet
1Mb / 38P
12-Bit, 500MSPS ADC
ISLA214P50 RENESAS-ISLA214P50 Datasheet
1Mb / 38P
14-Bit, 500MSPS ADC
logo
Core Technology (Shenzh...
CSU8RF3421 CHIPSEA-CSU8RF3421 Datasheet
2Mb / 131P
12-bit ADC 8 - bit RISC FLASH FLASH MCU
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com