Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1151 Datasheet (PDF) - Maxim Integrated Products

MAX1151 Datasheet PDF - Maxim Integrated Products
Part # MAX1151
Download  MAX1151 Download
File Size   78.82 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 8-Bit, 750Msps Flash ADC

MAX1151 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1151 Datasheet PDF - Maxim Integrated Products

Part # MAX1151
Download  MAX1151 Click to download

File Size   78.82 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 8-Bit, 750Msps Flash ADC

MAX1151 Datasheet (HTML) - Maxim Integrated Products


MAX1151 Product details

General Description
The MAX1151 is a parallel flash analog-to-digital converter (ADC) capable of digitizing full-scale (0V to -2V) inputs into 8-bit digital words at an update rate of 750Msps. The ECL-compatible outputs are demuxed into two separate output banks, each with differential data-ready outputs to ease the task of data capture. The MAX1151’s wide input bandwidth and low capacitance eliminate the need for external track/hold amplifiers for most applications. A proprietary decoding scheme reduces metastable errors to 1LSB. This device operates from a single -5.2V supply, with a nominal power dissipation of 5.5W.

Features
♦ 1:2 Demuxed ECL-Compatible Outputs
♦ Wide Input Bandwidth: 900MHz
♦ Low Input Capacitance: 15pF
♦ Metastable Errors Reduced to 1LSB
♦ Single -5.2V Supply

Applications
   Digital Oscilloscopes
   Data Acquisition
   Transient-Capture Applications
   Radar, EW, ECM
   Direct RF/IF Downconversion




Similar Part No. - MAX1151

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX115 MAXIM-MAX115 Datasheet
215Kb / 14P
2x4-Channel, Simultaneous-Sampling 12-Bit ADCs
MAX115-MAX116 MAXIM-MAX115-MAX116 Datasheet
215Kb / 14P
2x4-Channel, Simultaneous-Sampling 12-Bit ADCs
MAX1150 MAXIM-MAX1150 Datasheet
77Kb / 8P
8-Bit, 500Msps Flash ADC
19-1169; Rev 0; 12/96
MAX11500 MAXIM-MAX11500 Datasheet
152Kb / 8P
Three-Channel, High-Definition Video Filter
Rev 0; 1/08
MAX11500 MAXIM-MAX11500 Datasheet
130Kb / 6P
Surface-Mount Components
Rev 0; 8/07
More results


Similar Description - MAX1151

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNAD01B SONIX-SNAD01B Datasheet
726Kb / 31P
8-CHANNEL 8-BIT ADC
logo
Maxim Integrated Produc...
MAX1114 MAXIM-MAX1114 Datasheet
114Kb / 12P
8-Bit, 150Msps Flash ADC
19-1101; Rev 0; 6/96
MAX1125 MAXIM-MAX1125 Datasheet
114Kb / 12P
8-Bit, 300Msps Flash ADC
19-1100; Rev 0; 6/96
MAX1150 MAXIM-MAX1150 Datasheet
77Kb / 8P
8-Bit, 500Msps Flash ADC
19-1169; Rev 0; 12/96
logo
Zarlink Semiconductor I...
VP1058 ZARLINK-VP1058 Datasheet
430Kb / 11P
8-BIT, 25MHz, VIDEO FLASH ADC (SINGLE 5V SUPPLY)
SP973T8 ZARLINK-SP973T8 Datasheet
82Kb / 8P
30MHz 8-BIT FLASH ADC (TTL/CMOS OUTPUTS)
logo
Silicon Laboratories
C8051F300-GDI SILABS-C8051F300-GDI Datasheet
210Kb / 9P
8 kB Flash, 8-Bit ADC MCU Die in Wafer Form
logo
Core Technology (Shenzh...
CSU8RF3111 CHIPSEA-CSU8RF3111 Datasheet
645Kb / 78P
12-bit ADC 8 RISC FLASH MCU
CSU8RF3221 CHIPSEA-CSU8RF3221 Datasheet
1Mb / 90P
12-bit ADC 8 RISC FLASH MCU
CSU8RF3421 CHIPSEA-CSU8RF3421 Datasheet
2Mb / 131P
12-bit ADC 8 - bit RISC FLASH FLASH MCU
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com