Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2136 Datasheet (PDF) - New Japan Radio

NJM2136 Datasheet PDF - New Japan Radio
Part # NJM2136
Download  NJM2136 Download
File Size   168.7 Kbytes
Page   3 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description ULTRA WIDE BAND, HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER

NJM2136 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJM2136 Datasheet PDF - New Japan Radio

Part # NJM2136
Download  NJM2136 Click to download

File Size   168.7 Kbytes
Page   3 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description ULTRA WIDE BAND, HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER

NJM2136 Datasheet (HTML) - New Japan Radio


NJM2136 Product details

■ GENERAL DESCRIPTION
The NJM2136, NJM2137 and NJM2138 are single, dual and quad operational amplifiers operated from low voltage (±1.35V).
A 200MHz gain bandwidth and 45V/µs high slew rate make them suitable for use as active filter, high-speed analog and digital signal processor, industrial measurement equipment and others.
It can also suitable to portable communication items because of low operating voltage and low operating current.

■ FEATURES
● Operating Voltage                  ±1.35V~±6V
● Wide Bandwidth                     200MHz typ.
● High Slew Rate                      45V/µs typ.
● Input Offset Voltage Balance (only NJM2136)
● Operating Current         NJM2136: 0.63mA typ.
                                         NJM2137: 1.14mA typ.
                                         NJM2138: 2.27mA typ.
● Bipolar Technology
● Package Outline           NJM2136: DMP8, SSOP8
                                         NJM2137: DIP8, DMP8, SSOP8
                                         NJM2138: DMP14, SSOP14




Similar Part No. - NJM2136

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
NJM2136 NISSHINBO-NJM2136 Datasheet
268Kb / 5P
ULTRA WIDE BAND, HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER
20250303
NJM2136M NISSHINBO-NJM2136M Datasheet
268Kb / 5P
ULTRA WIDE BAND, HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER
20250303
NJM2136V NISSHINBO-NJM2136V Datasheet
268Kb / 5P
ULTRA WIDE BAND, HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER
20250303
More results


Similar Description - NJM2136

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2138 NJRC-NJM2138 Datasheet
169Kb / 3P
ULTRA WIDE BAND, HIGH SLEW RATE QUAD OPERATIONAL AMPLIFIER?
logo
Unisonic Technologies
M2136 UTC-M2136 Datasheet
117Kb / 4P
ULTRA WIDE BAND,HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER
MC34074 UTC-MC34074 Datasheet
308Kb / 10P
HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIER
M2136 UTC-M2136_11 Datasheet
166Kb / 4P
ULTRA WIDE BAND, HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER
MC34072 UTC-MC34072_09 Datasheet
438Kb / 11P
HIGH SLEW RATE, WIDE BANDWIDTH , SINGLE SUPPLY OPERATIONAL AMPLIFIER
MC34074 UTC-MC34074_09 Datasheet
520Kb / 10P
HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIER
MC34074 UTC-MC34074_11 Datasheet
518Kb / 10P
HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIER
MC34072 UTC-MC34072_15 Datasheet
535Kb / 11P
HIGH SLEW RATE, WIDE BANDWIDTH , SINGLE SUPPLY OPERATIONAL AMPLIFIER
MC34072 UTC-MC34072_18 Datasheet
491Kb / 11P
HIGH SLEW RATE, WIDE BANDWIDTH , SINGLE SUPPLY OPERATIONAL AMPLIFIER
MC34074 UTC-MC34074_18 Datasheet
478Kb / 10P
HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com