Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2138 Datasheet (PDF) - New Japan Radio

NJM2138 Datasheet PDF - New Japan Radio
Part # NJM2138
Download  NJM2138 Download
File Size   169.45 Kbytes
Page   3 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description ULTRA WIDE BAND, HIGH SLEW RATE QUAD OPERATIONAL AMPLIFIER?

NJM2138 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJM2138 Datasheet PDF - New Japan Radio

Part # NJM2138
Download  NJM2138 Click to download

File Size   169.45 Kbytes
Page   3 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description ULTRA WIDE BAND, HIGH SLEW RATE QUAD OPERATIONAL AMPLIFIER?

NJM2138 Datasheet (HTML) - New Japan Radio


NJM2138 Product details

■ GENERAL DESCRIPTION
The NJM2136, NJM2137 and NJM2138 are single, dual and quad operational amplifiers operated from low voltage (±1.35V).
A 200MHz gain bandwidth and 45V/µs high slew rate make them suitable for use as active filter, high-speed analog and digital signal processor, industrial measurement equipment and others.
It can also suitable to portable communication items because of low operating voltage and low operating current.

■ FEATURES
● Operating Voltage                  ±1.35V~±6V
● Wide Bandwidth                     200MHz typ.
● High Slew Rate                      45V/µs typ.
● Input Offset Voltage Balance (only NJM2136)
● Operating Current         NJM2136: 0.63mA typ.
                                         NJM2137: 1.14mA typ.
                                         NJM2138: 2.27mA typ.
● Bipolar Technology
● Package Outline           NJM2136: DMP8, SSOP8
                                         NJM2137: DIP8, DMP8, SSOP8
                                         NJM2138: DMP14, SSOP14




Similar Part No. - NJM2138

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2130 NJRC-NJM2130 Datasheet
143Kb / 3P
LOW POWER SINGLE OPERATIONAL AMPLIFIER
NJM2130F NJRC-NJM2130F Datasheet
143Kb / 3P
LOW POWER SINGLE OPERATIONAL AMPLIFIER
NJM2132 NJRC-NJM2132 Datasheet
185Kb / 3P
SINGLE-SUPPLY LOW POWER DUAL OPERATIONAL AMPLIFIER
logo
Nisshinbo Micro Devices...
NJM2132 NISSHINBO-NJM2132 Datasheet
216Kb / 4P
SINGLE-SUPPLY LOW POWER DUAL OPERATIONAL AMPLIFIER
Ver.20250303
logo
New Japan Radio
NJM2132D NJRC-NJM2132D Datasheet
185Kb / 3P
SINGLE-SUPPLY LOW POWER DUAL OPERATIONAL AMPLIFIER
More results


Similar Description - NJM2138

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2136 NJRC-NJM2136 Datasheet
168Kb / 3P
ULTRA WIDE BAND, HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER
NJM2137 NJRC-NJM2137 Datasheet
165Kb / 3P
ULTRA WIDE BAND, HIGH SLUE RATE DUAL OPERATIONAL AMPLIFIER
logo
NXP Semiconductors
NE531 PHILIPS-NE531 Datasheet
159Kb / 8P
High slew rate operational amplifier
August 31, 1994
logo
Intersil Corporation
HA-2510883 INTERSIL-HA-2510883 Datasheet
141Kb / 7P
High Slew Rate Operational Amplifier
October 26, 2004
logo
M.S. Kennedy Corporatio...
MSK707H MSK-MSK707H Datasheet
320Kb / 6P
ULTRA-ACCURATE/HIGH SLEW RATE INVERTING OPERATIONAL AMPLIFIER
MSK739B MSK-MSK739B Datasheet
300Kb / 6P
ULTRA-ACCURATE/HIGH SLEW RATE INVERTING OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LH4124C NSC-LH4124C Datasheet
117Kb / 4P
HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
Zarlink Semiconductor I...
SL541 ZARLINK-SL541 Datasheet
525Kb / 13P
HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
M2136 UTC-M2136 Datasheet
117Kb / 4P
ULTRA WIDE BAND,HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER
M2136 UTC-M2136_11 Datasheet
166Kb / 4P
ULTRA WIDE BAND, HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com