Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1205 Datasheet (PDF) - Maxim Integrated Products

MAX1205 Datasheet PDF - Maxim Integrated Products
Part # MAX1205
Download  MAX1205 Download
File Size   127.71 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 5v sINGLE-sUPPLY, 1mSPS, 14-bIT sELF-cALIBRATING adc

MAX1205 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1205 Datasheet PDF - Maxim Integrated Products

Part # MAX1205
Download  MAX1205 Click to download

File Size   127.71 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 5v sINGLE-sUPPLY, 1mSPS, 14-bIT sELF-cALIBRATING adc

MAX1205 Datasheet (HTML) - Maxim Integrated Products


MAX1205 Product details

General Description
The MAX1205 is a 14-bit, monolithic, analog-to-digital converter (ADC) capable of conversion rates up to 1Msps. This integrated circuit, built on a CMOS process, uses a fully differential, pipelined architecture with digital error correction and a short self-calibration procedure that corrects for capacitor and gain mismatches and ensures 14-bit linearity at full sample rates. An on-chip track/hold (T/H) maintains superb dynamic performance up to the Nyquist frequency. The MAX1205 operates from a single +5V supply.

Features
♦ Monolithic, 14-Bit, 1Msps ADC
♦ +5V Single Supply
♦ SNR of 80dB for fIN = 500kHz
♦ SFDR of 87dB for fIN = 500kHz
♦ Low Power Dissipation: 257mW
♦ On-Demand Self-Calibration
♦ Differential Nonlinearity Error: ±0.3LSB
♦ Integral Nonlinearity Error: ±1.2LSB
♦ Three-State, Two’s Complement Output Data

Applications
    Imaging
    Communications
    Medical
    Scanners
    Data Acquisition




Similar Part No. - MAX1205

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1205 MAXIM-MAX1205 Datasheet
168Kb / 12P
Fully Assembled and Tested Surface-Mount Board
Rev 1; 11/98
MAX1205EVKIT-MQFP MAXIM-MAX1205EVKIT-MQFP Datasheet
168Kb / 12P
Fully Assembled and Tested Surface-Mount Board
Rev 1; 11/98
More results


Similar Description - MAX1205

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1200 MAXIM-MAX1200 Datasheet
204Kb / 16P
5v sINGLE-sUPPLY, 1mSPS, 16-bIT sELF-cALIBRATING adc
19-1413; Rev 0; 12/98
MAX1201 MAXIM-MAX1201 Datasheet
187Kb / 16P
5v sINGLE-sUPPLY, 2.2mSPS, 14-bIT sELF-cALIBRATING adc
19-4776; Rev 1; 11/98
logo
Texas Instruments
ADS850 TI-ADS850 Datasheet
304Kb / 15P
14-Bit, 10MSPS Self-Calibrating ANALOG-TO-DIGITAL CONVERTER
logo
Linear Integrated Syste...
LTC1411 LINEAR-LTC1411 Datasheet
224Kb / 16P
Single Supply 14-Bit 2.5Msps ADC
logo
Cirrus Logic
CS5016 CIRRUS-CS5016 Datasheet
397Kb / 46P
16, 14 & 12-Bit, Self-Calibrating A/D Converters
logo
Linear Technology
LTC1411 LINER-LTC1411 Datasheet
227Kb / 16P
Single Supply 14-Bit 2.5Msps ADC
LTC1411 LINER-LTC1411_15 Datasheet
232Kb / 16P
Single Supply 14-Bit 2.5Msps ADC
logo
Maxim Integrated Produc...
MAX1142 MAXIM-MAX1142 Datasheet
1Mb / 20P
14-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2037; Rev 0; 5/01
logo
Renesas Technology Corp
ISL73141SEH RENESAS-ISL73141SEH Datasheet
1Mb / 28P
Radiation Hardened 14-Bit 1MSPS SAR ADC
Feb 23, 2023
logo
Analog Devices
EVAL-AD7856CB AD-EVAL-AD7856CB Datasheet
1,022Kb / 12P
Evaluation Board for 5V Single Supply, 285kSPS 8-Channel, 14-Bit Sampling ADC
REV. 0
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com