Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD7856CB Datasheet (PDF) - Analog Devices

EVAL-AD7856CB Datasheet PDF - Analog Devices
Part # EVAL-AD7856CB
Download  EVAL-AD7856CB Download
File Size   1022.28 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Evaluation Board for 5V Single Supply, 285kSPS 8-Channel, 14-Bit Sampling ADC

EVAL-AD7856CB Datasheet (PDF)

Go To PDF Page Download Datasheet
EVAL-AD7856CB Datasheet PDF - Analog Devices

Part # EVAL-AD7856CB
Download  EVAL-AD7856CB Click to download

File Size   1022.28 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Evaluation Board for 5V Single Supply, 285kSPS 8-Channel, 14-Bit Sampling ADC

EVAL-AD7856CB Datasheet (HTML) - Analog Devices


EVAL-AD7856CB Product details

FEATURES
Full-Featured Evaluation Board for the AD7856
EVAL-CONTROL BOARD Compatible
Stand Alone Capability
On-Board Analog Buffering
Various Linking Options
PC Software for Control and Data Analysis when used
with EVAL-CONTROL BOARD




Similar Part No. - EVAL-AD7856CB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD7856CB AD-EVAL-AD7856CB Datasheet
294Kb / 32P
5 V Single Supply, 8-Channel 14-Bit 285 kSPS Sampling ADC
REV.A
EVAL-AD7856CB3 AD-EVAL-AD7856CB3 Datasheet
328Kb / 33P
5 V Single Supply, 8-Channel 14-Bit 285 kSPS Sampling ADC
23-Feb-2017
More results


Similar Description - EVAL-AD7856CB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7856 AD-AD7856 Datasheet
294Kb / 32P
5 V Single Supply, 8-Channel 14-Bit 285 kSPS Sampling ADC
REV.A
logo
Maxim Integrated Produc...
MAX1201 MAXIM-MAX1201 Datasheet
187Kb / 16P
5v sINGLE-sUPPLY, 2.2mSPS, 14-bIT sELF-cALIBRATING adc
19-4776; Rev 1; 11/98
MAX1205 MAXIM-MAX1205 Datasheet
127Kb / 12P
5v sINGLE-sUPPLY, 1mSPS, 14-bIT sELF-cALIBRATING adc
19-4794; Rev 0; 11/98
logo
Zarlink Semiconductor I...
VP1058 ZARLINK-VP1058 Datasheet
430Kb / 11P
8-BIT, 25MHz, VIDEO FLASH ADC (SINGLE 5V SUPPLY)
logo
Analog Devices
EVAL-AD7891-1CB AD-EVAL-AD7891-1CB Datasheet
360Kb / 12P
Evaluation Board for Single Supply, 12-Bit 454 kSPS ADC
REV. A
EVAL-AD7891-2CB AD-EVAL-AD7891-2CB Datasheet
381Kb / 12P
Evaluation Board for Single Supply, 12-Bit 500 kSPS ADC
REV.A
EVAL-AD7484 AD-EVAL-AD7484_15 Datasheet
1Mb / 20P
Evaluation Board for 3 MSPS, 14-Bit SAR ADC
REV. 0
AD7856 AD-AD7856_15 Datasheet
297Kb / 32P
5 V Single Supply, 8-Channel 14-Bit 285 kSPS Sampling ADC
REV. A
AD7856 AD-AD7856_17 Datasheet
328Kb / 33P
5 V Single Supply, 8-Channel 14-Bit 285 kSPS Sampling ADC
23-Feb-2017
logo
Maxim Integrated Produc...
MAX1142 MAXIM-MAX1142 Datasheet
1Mb / 20P
14-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2037; Rev 0; 5/01
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com