Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1248 Datasheet (PDF) - Maxim Integrated Products

MAX1248 Datasheet PDF - Maxim Integrated Products
Part # MAX1248
Download  MAX1248 Download
File Size   122.86 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2x4-Channel, Simultaneous-Sampling 14-Bit DAS

MAX1248 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1248 Datasheet PDF - Maxim Integrated Products

Part # MAX1248
Download  MAX1248 Click to download

File Size   122.86 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2x4-Channel, Simultaneous-Sampling 14-Bit DAS

MAX1248 Datasheet (HTML) - Maxim Integrated Products


MAX1248 Product details

General Description
The MAX1248/MAX1249 10-bit data-acquisition systems combine a 4-channel multiplexer, high-bandwidth track/hold, and serial interface with high conversion speed and low power consumption. They operate from a single +2.7V to +5.25V supply, and their analog inputs are software configurable for unipolar/bipolar and single-ended/differential operation.

Features
♦ 4-Channel Single-Ended or 2-Channel Differential Inputs
♦ Single +2.7V to +5.25V Operation
♦ Internal 2.5V Reference (MAX1248)
♦ Low Power: 1.2mA (133ksps, +3V supply)
    54µA (1ksps, +3V supply)
    1µA (power-down mode)
♦ SPI/QSPI/MICROWIRE/TMS320-Compatible 4-Wire Serial Interface
♦ Software-Configurable Unipolar or Bipolar Inputs
♦ 16-Pin QSOP Package (same area as 8-pin SO)




Similar Part No. - MAX1248

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1248 MAXIM-MAX1248 Datasheet
242Kb / 24P
2.7V to 5.25V, Low-Power, 4-Channel, Serial 10-Bit ADCs in QSOP-16
Rev 2; 5/98
MAX1248ACEE MAXIM-MAX1248ACEE Datasheet
242Kb / 24P
2.7V to 5.25V, Low-Power, 4-Channel, Serial 10-Bit ADCs in QSOP-16
Rev 2; 5/98
MAX1248ACPE MAXIM-MAX1248ACPE Datasheet
242Kb / 24P
2.7V to 5.25V, Low-Power, 4-Channel, Serial 10-Bit ADCs in QSOP-16
Rev 2; 5/98
MAX1248AEEE MAXIM-MAX1248AEEE Datasheet
242Kb / 24P
2.7V to 5.25V, Low-Power, 4-Channel, Serial 10-Bit ADCs in QSOP-16
Rev 2; 5/98
MAX1248AEPE MAXIM-MAX1248AEPE Datasheet
242Kb / 24P
2.7V to 5.25V, Low-Power, 4-Channel, Serial 10-Bit ADCs in QSOP-16
Rev 2; 5/98
More results


Similar Description - MAX1248

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX115-MAX116 MAXIM-MAX115-MAX116 Datasheet
215Kb / 14P
2x4-Channel, Simultaneous-Sampling 12-Bit ADCs
MAX125 MAXIM-MAX125 Datasheet
636Kb / 15P
2x4-Channel, Simultaneous-Sampling 14-Bit DAS
Rev 2; 6/07
MAX125 MAXIM-MAX125_08 Datasheet
379Kb / 15P
2x4-Channel, Simultaneous-Sampling 14-Bit DAS
Rev 3; 7/08
logo
Analog Devices
AD7608 AD-AD7608 Datasheet
689Kb / 32P
8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7607 AD-AD7607 Datasheet
681Kb / 32P
8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
REV. B
AD7607 AD-AD7607_16 Datasheet
779Kb / 33P
8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
Rev. C
AD7617 AD-AD7617 Datasheet
947Kb / 52P
16-Channel DAS with 14-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
Rev. 0
AD7608 AD-AD7608_17 Datasheet
725Kb / 33P
8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
23-Feb-2017
AD7607 AD-AD7607_17 Datasheet
869Kb / 33P
8-Channel DAS with 14-Bit, Bipolar Input Simultaneous Sampling ADC
23-Feb-2017
AD4858 AD-AD4858 Datasheet
2Mb / 70P
Buffered, 8-Channel Simultaneous Sampling, 20-Bit 1 MSPS DAS
Rev. 0
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com