Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1294 Datasheet (PDF) - Maxim Integrated Products

MAX1294 Datasheet PDF - Maxim Integrated Products
Part # MAX1294
Download  MAX1294 Download
File Size   226.79 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface

MAX1294 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1294 Datasheet PDF - Maxim Integrated Products

Part # MAX1294
Download  MAX1294 Click to download

File Size   226.79 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface

MAX1294 Datasheet (HTML) - Maxim Integrated Products


MAX1294 Product details

General Description
The MAX1294/MAX1296 low-power, 12-bit analog-to-digital converters (ADCs) feature a successive-approximation ADC, automatic power-down, fast wake-up (2µs), an on-chip clock, +2.5V internal reference, and a high-speed 12-bit parallel interface. They operate with a single +5V analog supply.
Power consumption is only 10mW at the maximum sampling rate of 420ksps. Two software-selectable power down modes enable the MAX1294/MAX1296 to be shut down between conversions; accessing the parallel interface returns them to normal operation. Powering down between conversions can reduce supply below 10µA at lower sampling rates.
Both devices offer software-configurable analog inputs for unipolar/bipolar and single-ended/pseudo-differential operation. In single-ended mode, the MAX1294 has six input channels and the MAX1296 has two (three input channels and one input channel, respectively, when in pseudo-differential mode).
Excellent dynamic performance and low power, combined with ease of use and small package size, make these converters ideal for battery-powered and data acquisition applications or for other circuits with demanding power-consumption and space requirements
The MAX1294/MAX1296 tri-states INT when CS goes high. Refer to MAX1266/MAX1268 if tri-stating INT is not desired.
The MAX1294 is offered in a 28-pin QSOP package, while the MAX1296 is available in a 24-pin QSOP. For pin-compatible +3V, 12-bit versions, see the MAX1295/MAX1297.

Features
♦ 12-Bit Resolution, ±0.5 LSB Linearity
♦ Single +5V Operation
♦ Internal +2.5V Reference
♦ Software-Configurable Analog Input Multiplexer
   6-Channel Single-Ended/
   3-Channel Pseudo-Differential (MAX1294)
   2-Channel Single-Ended/
   1-Channel Pseudo-Differential (MAX1296)
♦ Software-Configurable Unipolar/Bipolar Analog Inputs
♦ Low Current
   2.8mA (420ksps)
   1.0mA (100ksps)
   400µA (10ksps)
   2µA (Shutdown)
♦ Internal 6MHz Full-Power Bandwidth Track/Hold
♦ Parallel 12-Bit Interface
♦ Small Footprint
   28-Pin QSOP (MAX1294)
   24-Pin QSOP (MAX1296)
  
Applications
   Industrial Control
   Systems Data Logging
   Energy Management
   Patient Monitoring
   Data-Acquisition Systems
   Touchscreens




Similar Part No. - MAX1294

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1294ACEI MAXIM-MAX1294ACEI Datasheet
392Kb / 19P
420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
2002
MAX1294AEEI MAXIM-MAX1294AEEI Datasheet
392Kb / 19P
420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
2002
MAX1294BCEI MAXIM-MAX1294BCEI Datasheet
392Kb / 19P
420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
2002
MAX1294BEEI MAXIM-MAX1294BEEI Datasheet
392Kb / 19P
420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
2002
MAX1294EVKIT MAXIM-MAX1294EVKIT Datasheet
914Kb / 8P
Fully Assembled Surface-Mount Board
Rev 0; 2/00
More results


Similar Description - MAX1294

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1090 MAXIM-MAX1090 Datasheet
404Kb / 20P
400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
19-1640; Rev 0; 1/00
MAX1265 MAXIM-MAX1265 Datasheet
307Kb / 19P
265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1295 MAXIM-MAX1295 Datasheet
228Kb / 20P
265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1530; Rev 0; 9/99
MAX1292 MAXIM-MAX1292 Datasheet
382Kb / 20P
400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
MAX1064 MAXIM-MAX1064 Datasheet
488Kb / 20P
400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1266 MAXIM-MAX1266 Datasheet
390Kb / 19P
420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1290 MAXIM-MAX1290 Datasheet
388Kb / 20P
400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1531; Rev 3; 12/02
MAX1262 MAXIM-MAX1262 Datasheet
386Kb / 20P
400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-2720; Rev 0; 04/03
MAX1090 MAXIM-MAX1090_V01 Datasheet
490Kb / 20P
400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
2002
MAX1294 MAXIM-MAX1294_V01 Datasheet
392Kb / 19P
420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
2002
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com