Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1295 Datasheet (PDF) - Maxim Integrated Products

MAX1295 Datasheet PDF - Maxim Integrated Products
Part # MAX1295
Download  MAX1295 Download
File Size   228.84 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface

MAX1295 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1295 Datasheet PDF - Maxim Integrated Products

Part # MAX1295
Download  MAX1295 Click to download

File Size   228.84 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface

MAX1295 Datasheet (HTML) - Maxim Integrated Products


MAX1295 Product details

General Description
The MAX1295/MAX1297 low-power, 12-bit analog-todigital converters (ADCs) feature a successive-approximation ADC, automatic power-down, fast wake-up (2µs), an on-chip clock, +2.5V internal reference, and a high-speed 12-bit parallel interface. They operate with a single +2.7V to +3.6V analog supply.

Features
♦ 12-Bit Resolution, ±0.5 LSB Linearity
♦ +3V Single-Supply Operation
♦ Internal +2.5V Reference
♦ Software-Configurable Analog Input Multiplexer
    6-Channel Single-Ended/3-Channel Pseudo-Differential (MAX1295)
    2-Channel Single-Ended/1-Channel Pseudo-Differential (MAX1297)
♦ Software-Configurable Unipolar/Bipolar Analog Inputs
♦ Low Current 1.9mA (265ksps) 1.0mA (100ksps) 400µA (10ksps) 2µA (Shutdown)
♦ Internal 3MHz Full-Power Bandwidth Track/Hold
♦ Parallel 12-Bit Interface
♦ Small Footprint 28-Pin QSOP (MAX1295) 24-Pin QSOP (MAX1297)

Applications
    Industrial Control Systems
    Data Logging
    Energy Management
    Patient Monitoring
    Data-Acquisition Systems
    Touchscreens




Similar Part No. - MAX1295

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1290 MAXIM-MAX1290 Datasheet
388Kb / 20P
400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1531; Rev 3; 12/02
MAX12900 MAXIM-MAX12900 Datasheet
2Mb / 21P
Loop-powered 4mA–20mA Transmitter with PWM Inputs
Rev 1; 11/17
MAX12900 MAXIM-MAX12900 Datasheet
1Mb / 31P
Ultra-Low-Power 4-20mA Sensor Transmitter
19-100086; Rev 2; 3/18
logo
Analog Devices
MAX12900 AD-MAX12900 Datasheet
1Mb / 31P
Ultra-Low-Power 4-20mA Sensor Transmitter
Rev 3 3/23
MAX12900AATJ+ AD-MAX12900AATJ+ Datasheet
1Mb / 31P
Ultra-Low-Power 4-20mA Sensor Transmitter
Rev 3 3/23
More results


Similar Description - MAX1295

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1091 MAXIM-MAX1091 Datasheet
405Kb / 20P
250ksps, 3V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 2; 12/02
MAX1265 MAXIM-MAX1265 Datasheet
307Kb / 19P
265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1294 MAXIM-MAX1294 Datasheet
226Kb / 20P
420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1533; Rev 0; 9/99
MAX1292 MAXIM-MAX1292 Datasheet
382Kb / 20P
400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
MAX1266 MAXIM-MAX1266 Datasheet
390Kb / 19P
420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1261 MAXIM-MAX1261 Datasheet
292Kb / 20P
250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1291 MAXIM-MAX1291 Datasheet
374Kb / 20P
250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 1; 2/00
MAX1061 MAXIM-MAX1061 Datasheet
232Kb / 20P
250ksps, 3V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 1; 3/09
MAX1291 MAXIM-MAX1291_V01 Datasheet
366Kb / 20P
250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
2002
MAX1294 MAXIM-MAX1294_V01 Datasheet
392Kb / 19P
420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
2002
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com