Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1091 Datasheet (PDF) - Maxim Integrated Products

MAX1091 Datasheet PDF - Maxim Integrated Products
Part # MAX1091
Download  MAX1091 Download
File Size   405.63 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 250ksps, 3V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface

MAX1091 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1091 Datasheet PDF - Maxim Integrated Products

Part # MAX1091
Download  MAX1091 Click to download

File Size   405.63 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 250ksps, 3V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface

MAX1091 Datasheet (HTML) - Maxim Integrated Products


MAX1091 Product details

General Description
The MAX1091/MAX1093 low-power, 10-bit analog-to-digital converters (ADCs) feature a successive-approximation ADC, automatic power-down, fast wake-up (2µs), an on-chip clock, +2.5V internal reference, and a high-speed, byte-wide parallel interface. They operate with a single +3V analog supply and feature a VLOGIC pin that allows them to interface directly with a +1.8V to +3.6V digital supply.
Power consumption is only 5.7mW (VDD = VLOGIC) at the maximum sampling rate of 250ksps. Two software-selectable power-down modes enable the MAX1091/MAX1093 to be shut down between conversions; accessing the parallel interface returns them to normal operation. Powering down between conversions can cut supply current to under 10µA at reduced sampling rates.

Features
♦ 10-Bit Resolution, ±0.5 LSB Linearity
♦ +3V Single-Supply Operation
♦ User-Adjustable Logic Level (+1.8V to +3.6V)
♦ Internal +2.5V Reference
♦ Software-Configurable, Analog Input Multiplexer
   8-Channel Single-Ended/
   4-Channel Pseudo-Differential (MAX1091)
   4-Channel Single-Ended/
   2-Channel Pseudo-Differential (MAX1093)
♦ Software-Configurable, Unipolar/Bipolar Inputs
♦ Low Power
   1.9mA (250ksps)
   1.0mA (100ksps)
   400µA (10ksps)
   2µA (Shutdown)
♦ Internal 3MHz Full-Power Bandwidth Track/Hold
♦ Byte-Wide Parallel (8 + 2) Interface
♦ Small Footprint:
   28-Pin QSOP (MAX1091)
   24-Pin QSOP (MAX1093)
  
Applications
   Industrial Control Systems
   Data Logging
   Energy Management
   Patient Monitoring
   Data-Acquisition Systems
   Touch Screens




Similar Part No. - MAX1091

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX109 MAXIM-MAX109 Datasheet
436Kb / 29P
8-Bit, 2.2Gsps ADC with Track/Hold Amplifier and 1:4 Demultiplexed LVDS Outputs
Rev 0; 4/07
MAX1090 MAXIM-MAX1090 Datasheet
404Kb / 20P
400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
19-1640; Rev 0; 1/00
MAX1090ACEI MAXIM-MAX1090ACEI Datasheet
404Kb / 20P
400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
19-1640; Rev 0; 1/00
MAX1090ACEI MAXIM-MAX1090ACEI Datasheet
490Kb / 20P
400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
2002
MAX1090AEEI MAXIM-MAX1090AEEI Datasheet
404Kb / 20P
400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
19-1640; Rev 0; 1/00
More results


Similar Description - MAX1091

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1090 MAXIM-MAX1090 Datasheet
404Kb / 20P
400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
19-1640; Rev 0; 1/00
MAX1295 MAXIM-MAX1295 Datasheet
228Kb / 20P
265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1530; Rev 0; 9/99
MAX1292 MAXIM-MAX1292 Datasheet
382Kb / 20P
400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
MAX1064 MAXIM-MAX1064 Datasheet
488Kb / 20P
400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1261 MAXIM-MAX1261 Datasheet
292Kb / 20P
250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1291 MAXIM-MAX1291 Datasheet
374Kb / 20P
250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 1; 2/00
MAX1061 MAXIM-MAX1061 Datasheet
232Kb / 20P
250ksps, 3V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 1; 3/09
MAX1290 MAXIM-MAX1290 Datasheet
388Kb / 20P
400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1531; Rev 3; 12/02
MAX1090 MAXIM-MAX1090_V01 Datasheet
490Kb / 20P
400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
2002
MAX1291 MAXIM-MAX1291_V01 Datasheet
366Kb / 20P
250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
2002
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com