Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1261 Datasheet (PDF) - Maxim Integrated Products

MAX1261 Datasheet PDF - Maxim Integrated Products
Part # MAX1261
Download  MAX1261 Download
File Size   292.18 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface

MAX1261 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1261 Datasheet PDF - Maxim Integrated Products

Part # MAX1261
Download  MAX1261 Click to download

File Size   292.18 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface

MAX1261 Datasheet (HTML) - Maxim Integrated Products


MAX1261 Product details

General Description
The MAX1261/MAX1263 low-power, 12-bit analog-to-digital converters (ADCs) feature a successive-approximation ADC, automatic power-down, fast wake-up (2µs), an on-chip clock, +2.5V internal reference, and a high-speed, byte-wide parallel interface. They operate with a single +3V analog supply and feature a VLOGIC pin that allows them to interface directly with a +1.8V to +5.5V digital supply.

Features
♦ 12-Bit Resolution, ±0.5 LSB Linearity
♦ +3V Single Operation
♦ User-Adjustable Logic Level (+1.8V to +3.6V)
♦ Internal +2.5V Reference
♦ Software-Configurable, Analog Input Multiplexer
    8-Channel Single Ended/
    4-Channel Pseudo-Differential (MAX1261)
    4-Channel Single Ended/
    2-Channel Pseudo-Differential (MAX1263)
♦ Software-Configurable, Unipolar/Bipolar Inputs
♦ Low Power
    1.9mA (250ksps)
    1.0mA (100ksps)
    400µA (10ksps)
    2µA (Shutdown)
♦ Internal 3MHz Full-Power Bandwidth Track/Hold
♦ Byte-Wide Parallel (8 + 4) Interface
♦ Small Footprint
    28-Pin QSOP (MAX1261)
    24-Pin QSOP (MAX1263)

Applications
    Industrial Control Systems
    Data Logging
    Energy Management
    Patient Monitoring
    Data-Acquisition Systems
    Touch Screens




Similar Part No. - MAX1261

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX126 MAXIM-MAX126 Datasheet
122Kb / 16P
2x4-Channel, Simultaneous-Sampling 14-Bit DAS
19-1072; Rev 2; 5/98
MAX126 MAXIM-MAX126 Datasheet
379Kb / 15P
2x4-Channel, Simultaneous-Sampling 14-Bit DAS
Rev 3; 7/08
MAX126 MAXIM-MAX126 Datasheet
276Kb / 20P
Complete Evaluation System Samples to 40ksps
Rev 0; 10/97
MAX1262 MAXIM-MAX1262 Datasheet
386Kb / 20P
400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-2720; Rev 0; 04/03
MAX1262ACEI MAXIM-MAX1262ACEI Datasheet
386Kb / 20P
400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-2720; Rev 0; 04/03
More results


Similar Description - MAX1261

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1091 MAXIM-MAX1091 Datasheet
405Kb / 20P
250ksps, 3V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 2; 12/02
MAX1265 MAXIM-MAX1265 Datasheet
307Kb / 19P
265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1295 MAXIM-MAX1295 Datasheet
228Kb / 20P
265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1530; Rev 0; 9/99
MAX1292 MAXIM-MAX1292 Datasheet
382Kb / 20P
400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
MAX1064 MAXIM-MAX1064 Datasheet
488Kb / 20P
400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1291 MAXIM-MAX1291 Datasheet
374Kb / 20P
250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 1; 2/00
MAX1061 MAXIM-MAX1061 Datasheet
232Kb / 20P
250ksps, 3V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 1; 3/09
MAX1290 MAXIM-MAX1290 Datasheet
388Kb / 20P
400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1531; Rev 3; 12/02
MAX1262 MAXIM-MAX1262 Datasheet
386Kb / 20P
400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-2720; Rev 0; 04/03
MAX1291 MAXIM-MAX1291_V01 Datasheet
366Kb / 20P
250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
2002
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com