Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX136 Datasheet (PDF) - Maxim Integrated Products

MAX136 Datasheet PDF - Maxim Integrated Products
Part # MAX136
Download  MAX136 Download
File Size   172.67 Kbytes
Page   4 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low Power, 3?밆igit A/D Converter With Display Hold

MAX136 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX136 Datasheet PDF - Maxim Integrated Products

Part # MAX136
Download  MAX136 Click to download

File Size   172.67 Kbytes
Page   4 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low Power, 3?밆igit A/D Converter With Display Hold

MAX136 Datasheet (HTML) - Maxim Integrated Products


MAX136 Product details

General Description
The MAX136 is a monolithic analog-to-digital converter (ADC) with very high input impedance. It differs from the Maxim ICL7136 in that the MAX136 provides a Hold pin, which makes it possible to hold or "freeze" a reading. The MAX136 directly drives a nonmultiplexed liquid crystal (LCD) display, requiring no external drive circuitry. With minor external component changes, it is pin compatible with the ICL7116 but with significantly reduced power consumption, making the MAX136 a superior device for portable systems.
Versatility and accuracy are inherent features of this ADC. The dual-slope conversion technique automatically rejects interference signals common in industrial environments. True differential inputs allow direct measurements of bridge transducer outputs or load cells. The zero-integrator phase eliminates overrange hangover and hysteresis effects. The MAX136 offers high accuracy by lowering rollover error to less than one count and zero reading drift to less than 1µV/°C.

Features
• Power Dissipation Guaranteed Less than 1mW–9V
   Battery Life 3000 Hours Typical
• Hold Pin Allows Indefinite Display Hold
• Guaranteed First Reading Recovery from Overrange
• On-Board Display Drive Capability—No External Circuitry Required
• High-Impedance CMOS Differential Inputs
• Low Noise(< 15µVP-P) Without Hysteresis or Overrange Hangover
• Clock and Reference On-Chip
• Zero Input Gives Zero Reading
• True Polarity Indication for Precision Null Applications
• Key Parameters Guaranteed Over Temperature

Applications
These devices can be used in a wide range of digital panel meter applications. Most applications, however, involve the measurement and display of analog data:
   Pressure
   Voltage
   Resistance
   Temperature
   Conductance
   Current
   Speed
   Material Thickness




Similar Part No. - MAX136

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX136 MAXIM-MAX136 Datasheet
1Mb / 5P
Low Power, 31?? Digit A/D Converter with Display Hold
2012
MAX1361 MAXIM-MAX1361 Datasheet
384Kb / 24P
4-Channel, 10-Bit, System Monitors with Programmable Trip Window and SMBus Alert Response
Rev 2; 3/05
MAX1361 MAXIM-MAX1361 Datasheet
730Kb / 24P
4-Channel, 10-Bit, System Monitors with Programmable Trip Window and SMBus Alert Response
Rev 3; 4/06
MAX1361EUB MAXIM-MAX1361EUB Datasheet
384Kb / 24P
4-Channel, 10-Bit, System Monitors with Programmable Trip Window and SMBus Alert Response
Rev 2; 3/05
MAX1361EUB MAXIM-MAX1361EUB Datasheet
730Kb / 24P
4-Channel, 10-Bit, System Monitors with Programmable Trip Window and SMBus Alert Response
Rev 3; 4/06
More results


Similar Description - MAX136

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU9203B NJRC-NJU9203B Datasheet
200Kb / 4P
3.1/2 DIGIT SINGLE CHIP A/D CONVERTER WITH DISPLAY HOLD
logo
TelCom Semiconductor, I...
TC811 TELCOM-TC811 Datasheet
171Kb / 12P
3-1/2 DIGIT A/D CONVERTER WITH HOLD AND DIFFERENTIAL REFERENCE INPUTS
logo
Analog Microelectronics
AME811 AME-AME811 Datasheet
905Kb / 15P
3-1/2 Digit A/D Converter - Low Power With HOLD And Differential Reference Inputs
logo
Intersil Corporation
ICL7116 INTERSIL-ICL7116 Datasheet
140Kb / 14P
31/2 Digit, LCD/LED Display, A/D Converter with Display Hold
January 1998
logo
Maxim Integrated Produc...
ICL7116 MAXIM-ICL7116 Datasheet
193Kb / 4P
3쩍 Digit A/D Converter With Display Hold
19-5038; Rev 0; 1985
logo
Microchip Technology
TC815 MICROCHIP-TC815 Datasheet
595Kb / 26P
3-1/2 Digit Auto-Ranging A/D Converter with Triplex LCD Drive and Display Hold Function
2002
logo
List of Unclassifed Man...
ADC-HS12 ETC-ADC-HS12 Datasheet
251Kb / 4P
12 BIT A/D CONVERTER WITH SAMPLE HOLD
logo
Maxim Integrated Produc...
ICL7117RCPL MAXIM-ICL7117RCPL Datasheet
197Kb / 4P
31/2 Digit A/D Converter With Display Hold
Rev 0; 1985
logo
Analog Devices
AD9237 AD-AD9237_17 Datasheet
611Kb / 25P
3 V Low Power A/D Converter
Rev. C
logo
Maxim Integrated Produc...
MAX136 MAXIM-MAX136_V01 Datasheet
1Mb / 5P
Low Power, 31?? Digit A/D Converter with Display Hold
2012
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com