Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1403 Datasheet (PDF) - Maxim Integrated Products

MAX1403 Datasheet PDF - Maxim Integrated Products
Part # MAX1403
Download  MAX1403 Download
File Size   390.23 Kbytes
Page   36 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3V, 18-Bit, Low-Power, Multichannel, Oversampling Sigma-Delta ADC

MAX1403 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1403 Datasheet PDF - Maxim Integrated Products

Part # MAX1403
Download  MAX1403 Click to download

File Size   390.23 Kbytes
Page   36 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3V, 18-Bit, Low-Power, Multichannel, Oversampling Sigma-Delta ADC

MAX1403 Datasheet (HTML) - Maxim Integrated Products


MAX1403 Product details

General Description
The MAX1403 18-bit, low-power, multichannel, serial output analog-to-digital converter (ADC) features matched 200µA current sources for sensor excitation. This ADC uses a sigma-delta modulator with a digital decimation filter to achieve 16-bit accuracy. The digital filter’s user-selectable decimation factor allows the conversion resolution to be reduced in exchange for a higher output data rate. True 16-bit performance is achieved at an output data rate of up to 480sps. In addition, the modulator sampling frequency may be optimized for either lowest power dissipation or highest throughput rate. The MAX1403 operates from +3V.

Features
♦ 18-Bit Resolution, Sigma-Delta ADC
♦ 16-Bit Accuracy with No Missing Codes to 480sps
♦ Matched On-Board Current Sources (200µA) for Sensor Excitation
♦ Low Quiescent Current
    250µA (operating mode)
    2µA (power-down mode)
♦ 3 Fully Differential or 5 Pseudo-Differential Signal Input Channels
♦ 2 Additional, Fully Differential Calibration Channels/Auxiliary Input Channels
♦ Programmable Gain and Offset
♦ Fully Differential Reference Inputs
♦ Converts Continuously or On Command
♦ Automatic Channel Scanning and Continuous Data Output Mode
♦ Operates with Analog and Digital Supplies from +2.7V to +3.6V
♦ SPI™/QSPI™-Compatible 3-Wire Serial Interface
♦ 28-Pin SSOP Package

Applications
    Portable Industrial Instruments
    Portable Weigh Scales
    Loop-Powered Systems
    Pressure Transducers




Similar Part No. - MAX1403

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1403 MAXIM-MAX1403 Datasheet
522Kb / 36P
3V, 18-Bit, Low-Power, Multichannel, Oversampling (Sigma-Delta) ADC
Rev 1; 2/11
MAX1403CAI MAXIM-MAX1403CAI Datasheet
522Kb / 36P
3V, 18-Bit, Low-Power, Multichannel, Oversampling (Sigma-Delta) ADC
Rev 1; 2/11
MAX1403EAI MAXIM-MAX1403EAI Datasheet
522Kb / 36P
3V, 18-Bit, Low-Power, Multichannel, Oversampling (Sigma-Delta) ADC
Rev 1; 2/11
MAX1403EVKIT MAXIM-MAX1403EVKIT Datasheet
1Mb / 20P
Easy to Configure
Rev 0; 5/99
MAX1403EVL11 MAXIM-MAX1403EVL11 Datasheet
1Mb / 20P
Easy to Configure
Rev 0; 5/99
More results


Similar Description - MAX1403

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1400 MAXIM-MAX1400 Datasheet
410Kb / 36P
%V, 18-Bit, Low-Power, Multichannel, Oversampling Sigma-Delta ADC
19-1430; Rev 0; 2/99
MAX1401 MAXIM-MAX1401 Datasheet
388Kb / 36P
3V, 18-Bit, Low-Power, Multichannel, Oversampling Sigma-Delta ADC
Rev 0; 5/99
MAX1402 MAXIM-MAX1402 Datasheet
411Kb / 40P
5V, 18-Bit, Low-Power, Multichannel, Oversampling Sigma-Delta ADC
19-1423; Rev 0; 3/99
logo
Analog Devices
AD7170 AD-AD7170 Datasheet
271Kb / 16P
12-Bit Low Power Sigma-Delta ADC
REV. 0
logo
Maxim Integrated Produc...
MAX1400 MAXIM-MAX1400_02 Datasheet
494Kb / 34P
5V, 18-Bit, Low-Power, Multichannel, Oversampling (Sigma-Delta) ADC
Rev 1; 7/02
MAX1401 MAXIM-MAX1401_02 Datasheet
494Kb / 36P
3V, 18-Bit, Low-Power, Multichannel, Oversampling (Sigma-Delta) ADC
Rev 1; 7/02
MAX1402 MAXIM-MAX1402_07 Datasheet
562Kb / 38P
5V, 18-Bit, Low-Power, Multichannel, Oversampling (Sigma-Delta) ADC
Rev 2; 1/07
MAX1403 MAXIM-MAX1403_02 Datasheet
522Kb / 36P
3V, 18-Bit, Low-Power, Multichannel, Oversampling (Sigma-Delta) ADC
Rev 1; 2/11
logo
Analog Devices
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
16-Bit, Low Power, Sigma-Delta ADC
23-Feb-2017
logo
Maxim Integrated Produc...
MAX11410A MAXIM-MAX11410A Datasheet
1Mb / 95P
24-Bit, Multichannel, Low-Power 1.9ksps Delta-Sigma ADC with PGA
Rev 0; 10/20
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com