Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1426 Datasheet (PDF) - Maxim Integrated Products

MAX1426 Datasheet PDF - Maxim Integrated Products
Part # MAX1426
Download  MAX1426 Download
File Size   204.33 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 10-Bit, 10Msps ADC

MAX1426 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1426 Datasheet PDF - Maxim Integrated Products

Part # MAX1426
Download  MAX1426 Click to download

File Size   204.33 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 10-Bit, 10Msps ADC

MAX1426 Datasheet (HTML) - Maxim Integrated Products


MAX1426 Product details

General Description
The MAX1426 10-bit, monolithic analog-to-digital converter (ADC) is capable of a 10Msps sampling rate. This device features an internal track-and-hold (T/H) amplifier for excellent dynamic performance; at the same time, it minimizes the number of external components. Low input capacitance of only 8pF minimizes input drive requirements. A wide input bandwidth (up to 150MHz) makes this device suitable for digital RF/IF downconverter applications employing undersampling techniques.

Features
♦ Differential Inputs for High Common-Mode Noise Rejection
♦ 61dB Signal-to-Noise Ratio (at fIN = 2MHz)
♦ Internal +2.5V Reference
♦ 150MHz Input Bandwidth
♦ Wide ±2V Input Range
♦ Low Power Consumption: 156mW
♦ Separate Digital Supply Input for 3V Logic Compatibility
♦ Single +5V Operation Possible

Applications
    Medical Ultrasound Imaging
    CCD Pixel Processing
    IR Focal Plane Array
    Radar
    IF and Baseband Digitization
    Set-Top Boxes




Similar Part No. - MAX1426

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1426 MAXIM-MAX1426 Datasheet
435Kb / 16P
10-Bit, 10Msps ADC
Rev 1; 7/11
MAX1426CAI+ MAXIM-MAX1426CAI+ Datasheet
435Kb / 16P
10-Bit, 10Msps ADC
Rev 1; 7/11
MAX1426EAI+ MAXIM-MAX1426EAI+ Datasheet
435Kb / 16P
10-Bit, 10Msps ADC
Rev 1; 7/11
MAX1426 MAXIM-MAX1426_11 Datasheet
435Kb / 16P
10-Bit, 10Msps ADC
Rev 1; 7/11
More results


Similar Description - MAX1426

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1420 LINER-LTC1420 Datasheet
267Kb / 20P
12-Bit, 10Msps, Sampling ADC
logo
Maxim Integrated Produc...
MAX1170 MAXIM-MAX1170 Datasheet
83Kb / 12P
12-Bit, 10Msps, TTL-Output ADC
19-1132; Rev 0; 10/96
logo
Samsung semiconductor
BL8531H-ADC SAMSUNG-BL8531H-ADC Datasheet
136Kb / 11P
12BIT 10MSPS ADC
logo
Analog Devices
AD7626 AD-AD7626 Datasheet
159Kb / 11P
16-Bit, 10MSPS PulSAR Differential ADC
Rev. PrC
logo
Maxim Integrated Produc...
MAX19191 MAXIM-MAX19191 Datasheet
1Mb / 20P
Ultra-Low-Power, 10Msps, 8-Bit ADC
Rev 0; 1/10
MAX1426 MAXIM-MAX1426_11 Datasheet
435Kb / 16P
10-Bit, 10Msps ADC
Rev 1; 7/11
logo
Linear Technology
LTC1420 LINER-LTC1420_15 Datasheet
256Kb / 20P
12-Bit, 10Msps, Sampling ADC
LTC2225 LINER-LTC2225_15 Datasheet
521Kb / 20P
12-Bit, 10Msps Low Power 3V ADC
LTC2386-16 LINER-LTC2386-16 Datasheet
1Mb / 22P
16-Bit, 10Msps SAR ADC
LTC2386-18 LINER-LTC2386-18 Datasheet
1Mb / 22P
18-Bit, 10Msps SAR ADC
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com