Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7626 Datasheet (PDF) - Analog Devices

AD7626 Datasheet PDF - Analog Devices
Part # AD7626
Download  AD7626 Download
File Size   159.5 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, 10MSPS PulSAR Differential ADC

AD7626 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7626 Datasheet PDF - Analog Devices

Part # AD7626
Download  AD7626 Click to download

File Size   159.5 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, 10MSPS PulSAR Differential ADC

AD7626 Datasheet (HTML) - Analog Devices


AD7626 Product details

GENERAL DESCRIPTION
The AD7626 is a 16-bit, 10 MSPS, charge redistribution successive approximation register (SAR) based architecture analog-to-digital converter (ADC).
   
FEATURES
    Throughput: 10 MSPS
    SNR: 91.5 dB
    16-bit no missing codes
    INL: ±0.45 LSB
    DNL: ±0.35 LSB
    Power dissipation: 136mW
    32-lead LFCSP (5 mm × 5 mm)
    SAR architecture
        No latency/no pipeline delay
    16-bit resolution with no missing codes
    Zero error: ±1LSB
    Differential input range: ±4.096 V
    Serial LVDS interface
        Self-clocked mode
        Echoed-clock mode
        LVDS or CMOS option for conversion control (CNV signal)
    Reference options
        Internal: 4.096 V
        External (1.2 V) buffered to 4.096 V
        External: 4.096 V
   
APPLICATIONS
    Digital imaging systems
        Digital X-ray
        Digital MRI
        CCD and IR cameras
    High speed data acquisition
    High dynamic range telecommunications receivers
    Spectrum analysis
    Test equipment
   




Similar Part No. - AD7626

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7626 AD-AD7626 Datasheet
1Mb / 28P
16-Bit, 10 MSPS, PulSAR Differential ADC
REV. 0
AD7626 AD-AD7626 Datasheet
1Mb / 28P
16-Bit, 10 MSPS, PulSAR Differential ADC
REV. A
AD7626 AD-AD7626 Datasheet
814Kb / 24P
18-Bit, 5 MSPS PulSAR Differential ADC
REV. 0
AD7626 AD-AD7626 Datasheet
1Mb / 30P
16-Bit, 10 MSPS, PulSAR Differential ADC
Rev. D
AD7626BCPZ AD-AD7626BCPZ Datasheet
1Mb / 28P
16-Bit, 10 MSPS, PulSAR Differential ADC
REV. 0
More results


Similar Description - AD7626

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7684 AD-AD7684 Datasheet
452Kb / 16P
16-Bit, 100 kSPS PulSAR Differential ADC in MSOP
AD7625 AD-AD7625 Datasheet
160Kb / 11P
16-Bit, 6MSPS PulSAR Differential ADC
Rev. PrB
AD7626 AD-AD7626_09 Datasheet
1Mb / 28P
16-Bit, 10 MSPS, PulSAR Differential ADC
REV. 0
AD7626 AD-AD7626_10 Datasheet
1Mb / 28P
16-Bit, 10 MSPS, PulSAR Differential ADC
REV. A
AD7684BRMZ AD-AD7684BRMZ Datasheet
421Kb / 16P
16-Bit, 100 kSPS PulSAR, Differential ADC in MSOP
REV. A
AD7625BCPZ AD-AD7625BCPZ Datasheet
673Kb / 24P
16-Bit, 6 MSPS, PulSAR Differential ADC
REV. A
AD7626 AD-AD7626_17 Datasheet
1Mb / 30P
16-Bit, 10 MSPS, PulSAR Differential ADC
Rev. D
AD7625 AD-AD7625_17 Datasheet
1,008Kb / 25P
16-Bit, 6 MSPS, PulSAR Differential ADC
23-Feb-2017
AD7684 AD-AD7684_17 Datasheet
334Kb / 17P
16-Bit, 100 kSPS PulSAR, Differential ADC in MSOP
10/07-Rev. 0 to Rev. A
logo
Linear Technology
LTC2386-16 LINER-LTC2386-16 Datasheet
1Mb / 22P
16-Bit, 10Msps SAR ADC
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com