Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7626 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7626
Description  16-Bit, 10MSPS PulSAR Differential ADC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7626 Datasheet(HTML) 1 Page - Analog Devices

  AD7626 Datasheet HTML 1Page - Analog Devices AD7626 Datasheet HTML 2Page - Analog Devices AD7626 Datasheet HTML 3Page - Analog Devices AD7626 Datasheet HTML 4Page - Analog Devices AD7626 Datasheet HTML 5Page - Analog Devices AD7626 Datasheet HTML 6Page - Analog Devices AD7626 Datasheet HTML 7Page - Analog Devices AD7626 Datasheet HTML 8Page - Analog Devices AD7626 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
16-Bit, 10MSPS PulSAR
Differential ADC
Preliminary Technical Data
AD7626
Rev. PrC
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
Throughput: 10 MSPS
SAR architecture
16-bit resolution with no missing codes
SNR: 92 dB Typ, 90dB Min @ 1MHz
INL: ±1 LSB Typ, ±2 LSB Max
DNL: ±0.3 LSB Typ, ±1 LSB Max
Differential input range: ± 4.096V
No latency/no pipeline delay (SAR architecture)
Serial LVDS interface:
Self-clocked mode
Echoed-clock mode
Reference:
Internal 4.096 V
External (1.2V) buffered to 4.096 V
External 4.096 V
Power dissipation 150 mW
32-Lead LFCSP package (5 mm x 5 mm)
APPLICATIONS
High dynamic range telecommunications
Receivers
Digital imaging systems
High-speed data acquisition
Spectrum analysis
Test equipment
Table 1. Fast PulSAR ADC Selection
Input Type
Res
(Bit
s)
≥1 MSPS
to
< 2MSPS
≥ 2 MSPS
to
≤ 3 MSPS
6 MSPS
10
MSPS
Differential
(ground
sense)
16
AD7653
AD7667
AD7980
AD7983
AD7985
True Bipolar
16
AD7671
Differential
(anti-phase)
16
AD7677
AD7623
AD7621
AD7622
AD7625
AD7626
Differential
(anti-phase)
18
AD7643
AD7982
AD7984
AD7641
AD7986
FUNCTIONAL BLOCK DIAGRAM
AD7626
CLOCK
LOGIC
SERIAL
LVDS
IN-
IN+
REFIN REF VCM
SAR
2
CNV
VIO
D
DCO
CLK
1.2V
BANDGAP
CAP DAC
Figure 1.
GENERAL DESCRIPTION
The AD7626 is a 16-bit, 10MSPS, charge redistribution
successive approximation register (SAR) architecture, analog-
to-digital converter (ADC). SAR architecture allows unmatched
performance both in noise – 92dB SNR - and in linearity –
1LSB. The AD7626 contains a high speed 16-bit sampling ADC,
an internal conversion clock, and an internal buffered reference.
On the CNV edge, it samples the voltage difference between
IN+ and IN− pins. The voltages on these pins swing in opposite
phase between 0 V and REF. The 4.096V reference voltage, REF,
can be generated internally or applied externally.
All converted results are available on a single LVDS self-clocked
or echoed-clock serial interface reducing external hardware
connections.
The AD7626 is housed in a 32-lead LFCSP (5mm by 5mm) with
operation specified from −40°C to +85°C.


Similar Part No. - AD7626

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7626 AD-AD7626 Datasheet
1Mb / 28P
16-Bit, 10 MSPS, PulSAR Differential ADC
REV. 0
AD7626 AD-AD7626 Datasheet
1Mb / 28P
16-Bit, 10 MSPS, PulSAR Differential ADC
REV. A
AD7626 AD-AD7626 Datasheet
814Kb / 24P
18-Bit, 5 MSPS PulSAR Differential ADC
REV. 0
AD7626 AD-AD7626 Datasheet
1Mb / 30P
16-Bit, 10 MSPS, PulSAR Differential ADC
Rev. D
AD7626BCPZ AD-AD7626BCPZ Datasheet
1Mb / 28P
16-Bit, 10 MSPS, PulSAR Differential ADC
REV. 0
More results

Similar Description - AD7626

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7684 AD-AD7684 Datasheet
452Kb / 16P
16-Bit, 100 kSPS PulSAR Differential ADC in MSOP
AD7625 AD-AD7625 Datasheet
160Kb / 11P
16-Bit, 6MSPS PulSAR Differential ADC
Rev. PrB
AD7626 AD-AD7626_09 Datasheet
1Mb / 28P
16-Bit, 10 MSPS, PulSAR Differential ADC
REV. 0
AD7626 AD-AD7626_10 Datasheet
1Mb / 28P
16-Bit, 10 MSPS, PulSAR Differential ADC
REV. A
AD7684BRMZ AD-AD7684BRMZ Datasheet
421Kb / 16P
16-Bit, 100 kSPS PulSAR, Differential ADC in MSOP
REV. A
AD7625BCPZ AD-AD7625BCPZ Datasheet
673Kb / 24P
16-Bit, 6 MSPS, PulSAR Differential ADC
REV. A
AD7626 AD-AD7626_17 Datasheet
1Mb / 30P
16-Bit, 10 MSPS, PulSAR Differential ADC
Rev. D
AD7625 AD-AD7625_17 Datasheet
1,008Kb / 25P
16-Bit, 6 MSPS, PulSAR Differential ADC
23-Feb-2017
AD7684 AD-AD7684_17 Datasheet
334Kb / 17P
16-Bit, 100 kSPS PulSAR, Differential ADC in MSOP
10/07-Rev. 0 to Rev. A
logo
Linear Technology
LTC2386-16 LINER-LTC2386-16 Datasheet
1Mb / 22P
16-Bit, 10Msps SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com