Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7626 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7626
Description  16-Bit, 10MSPS PulSAR Differential ADC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7626 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7626 Datasheet HTML 3Page - Analog Devices AD7626 Datasheet HTML 4Page - Analog Devices AD7626 Datasheet HTML 5Page - Analog Devices AD7626 Datasheet HTML 6Page - Analog Devices AD7626 Datasheet HTML 7Page - Analog Devices AD7626 Datasheet HTML 8Page - Analog Devices AD7626 Datasheet HTML 9Page - Analog Devices AD7626 Datasheet HTML 10Page - Analog Devices AD7626 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Preliminary Technical Data
AD7626
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-220-VHHD-2
0.30
0.23
0.18
0.20 REF
0.80 MAX
0.65 TYP
0.05 MAX
0.02 NOM
12° MAX
1.00
0.85
0.80
SEATING
PLANE
COPLANARITY
0.08
1
32
8
9
25
24
16
17
0.50
0.40
0.30
3.50 REF
0.50
BSC
PIN 1
INDICATOR
TOP
VIEW
5.00
BSC SQ
4.75
BSC SQ
3.45
3.30 SQ
3.15
PIN 1
INDICATOR
0.60 MAX
0.60 MAX
0.25 MIN
EXPOSED
PAD
(BOTTOM VIEW)
Figure 5.32-Lead Lead Frame Chip Scale package [LFCSP_VQ]
5 mm × 5 mm Body, Very Thin Quad
(CP-32-3)
©2008 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
PR07648-0-6/08(PrC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com