Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7626 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7626
Description  16-Bit, 10MSPS PulSAR Differential ADC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7626 Datasheet(HTML) 3 Page - Analog Devices

  AD7626 Datasheet HTML 1Page - Analog Devices AD7626 Datasheet HTML 2Page - Analog Devices AD7626 Datasheet HTML 3Page - Analog Devices AD7626 Datasheet HTML 4Page - Analog Devices AD7626 Datasheet HTML 5Page - Analog Devices AD7626 Datasheet HTML 6Page - Analog Devices AD7626 Datasheet HTML 7Page - Analog Devices AD7626 Datasheet HTML 8Page - Analog Devices AD7626 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Preliminary Technical Data
AD7626
Rev. PrC | Page 3 of 11
SPECIFICATIONS
VDD1 = 5 V; VDD2 = 2.5 V; VIO = 2.5 V; VREF = 4.096 V; all specifications TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
RESOLUTION
16
Bits
ANALOG INPUT
Voltage Range
VIN+ − VIN−
−VREF
+VREF
V
Operating Input Voltage
VIN+, VIN− to AGND
−0.1
+VREF + 0.1
V
Common Mode Input Range
VREF/2 – 0.1
VREF/2
VREF/2 + 0.1
V
Analog Input CMRR
fIN = 1 MHz
60
dB
Input Current
10 MSPS throughput
550
μA
THROUGHPUT SPEED
Complete Cycle
100
ns
Throughput Rate
0.001
10
MSPS
DC ACCURACY
Integral Linearity Error
-2
±1
+2
LSB
No Missing Codes
16
Bits
Differential Linearity Error
-1
±0.3
+1
LSB
Transition Noise
0.6
LSB
Zero Error, TMIN to TMAX
±100
μV
Zero Error Drift
1
ppm/°C
Gain Error, TMIN to TMAX
50
ppm of FS
Gain Error Drift
1
ppm/°C
Power Supply Sensitivity
VDD1 = 5 V ± 5%
TBD
LSB
VDD2 = 2.5 V ± 5%
TBD
LSB
AC ACCURACY
Dynamic Range
90
92
dB
Signal-to-Noise
fIN = 1 MHz
90
92
dB
Spurious-Free Dynamic Range
fIN = 1 MHz
110
dB
fIN = TBD
90
dB
Total Harmonic Distortion
fIN = 1 MHz
-110
dB
fIN = TBD
-90
dB
Signal-to-(Noise + Distortion)
fIN = 1 MHz
92
dB
−3 dB Input Bandwidth
100
MHz
Aperture Delay
ns
Aperture jitter
5
ps rms
Transient Response
Full-Scale Step
50
ns
INTERNAL REFERENCE
Output Voltage
REFIN @ 25°C
1.2
V
Temperature Drift
−40°C to +85°C
±7
ppm/°C
REFERENCE BUFFER
REFIN Input Voltage Range
1.2
V
REF Output Voltage range
4.096
V
EXTERNAL REFERENCE
Voltage Range
REF
4.096
V
VCM
@ 25°C
Output Voltage
VREF/2
VREF/2
Output Impedance
4
5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com