Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7626 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7626
Description  16-Bit, 10MSPS PulSAR Differential ADC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7626 Datasheet(HTML) 4 Page - Analog Devices

  AD7626 Datasheet HTML 1Page - Analog Devices AD7626 Datasheet HTML 2Page - Analog Devices AD7626 Datasheet HTML 3Page - Analog Devices AD7626 Datasheet HTML 4Page - Analog Devices AD7626 Datasheet HTML 5Page - Analog Devices AD7626 Datasheet HTML 6Page - Analog Devices AD7626 Datasheet HTML 7Page - Analog Devices AD7626 Datasheet HTML 8Page - Analog Devices AD7626 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AD7626
Preliminary Technical Data
Rev. PrC | Page 4 of 11
Parameter
Conditions
Min
Typ
Max
Unit
LVDS I/O, (ANSI-644)
Data Format
Serial LVDS Two’s complement
VOD
Differential Output Voltage,
RL=100 Ω
247
350
454
mV
VOCM
Common mode Output Voltage,
RL=100Ω
1125
1250
1375
mV
VID
Differential Input Voltage
100
650
mV
VICM
Common mode Input Voltage
800
1575
mV
POWER SUPPLIES
Specified Performance
VDD1
4.75V
5
5.25V
V
VDD2
2.37
2.5
2.63
V
VIO
2.3
2.5
2.7
V
Operating Currents
VDD1
10
mA
VDD2
25
mA
VIO
Self-clocked mode
14
mA
VIO
Echoed-clock mode
18
mA
Power Dissipation1
With Internal Reference
10 MSPS throughput
140
mW
Without Internal Reference
10 MSPS throughput
120
mW
Energy per conversion
10 MSPS throughput
10
nJ/sample
TEMPERATURE RANGE
Specified Performance
TMIN to TMAX
−40
+85
°C
1 Power dissipation is for the AD7626 only. In self-clocked interface, 9mW is dissipated in the 100 ohm terminator. In echoed-clock interface, 18mW is dissipated in (2)
100 ohm terminators.
TIMING SPECIFICATIONS
VDD1 = 5 V; VDD2 = 2.5 V; VIO = 2.3V to 2.7 V; VREF = 4.096 V; all specifications TMIN to TMAX, unless otherwise noted.
Table 3.
Parameter
Symbol
Min
Typ
Max
Unit
Time between conversion
tCYC
100
ns
Acquisition time
tACQ
40
10000
ns
CNV high time
tCNVH
10
40
ns
CNV to D (MSB) delay
tMSB
100
ns
CNV to last CLK (LSB) delay
tCLKL
64
ns
CLK period
tCLK
TBD
4
ns
CLK frequency
fCLK
250
400
MHz
CLK to DCO delay (echoed-clock mode)
tDCO
0
4
7
ns
DCO to D delay (echo-clock mode)
tD
-1
0
1
ns
CLK to D delay
tCLKD
0
4
7
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com