Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7626 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7626
Description  16-Bit, 10MSPS PulSAR Differential ADC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7626 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7626 Datasheet HTML 2Page - Analog Devices AD7626 Datasheet HTML 3Page - Analog Devices AD7626 Datasheet HTML 4Page - Analog Devices AD7626 Datasheet HTML 5Page - Analog Devices AD7626 Datasheet HTML 6Page - Analog Devices AD7626 Datasheet HTML 7Page - Analog Devices AD7626 Datasheet HTML 8Page - Analog Devices AD7626 Datasheet HTML 9Page - Analog Devices AD7626 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AD7626
Preliminary Technical Data
Rev. PrC | Page 6 of 11
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
VDD1
2
VDD2
3
CAP1
4
REFIN
5
EN0
6
EN1
7
VDD2
8
CNV-
24 GND
23 IN+
22 IN-
21 REF/2
20 VDD1
19 VDD1
18 VDD2
17 CLK+
TOP VIEW
Figure 2.
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1
VDD1
P
Analog 5V Supply.
Decouple with 10uF and 100nF capacitors.
2
VDD2
P
Analog 2.5V Supply.
The system 2.5V supply should supply this pin first, decoupled with 10uF and 100nF capacitors, then
starred off to other VDD2 pins.
3
CAP1
AO
Connect to a 10nF capacitor.
4
REFIN
AI/O
Pre-Buffer Reference Voltage.
When using the internal reference, this pin outputs the band-gap voltage and is nominally at 1.2V. It can
be overdriven with an external reference voltage like the ADR280.
In either mode, a 10uF capacitor is required. If using an external 4.096V reference (connected to REF), this
pin is a no connect and does not require any capacitor.
5, 6
EN0, EN1
DI
Enable Pins.
EN1
EN0
Operation
0
0
Power down all; ADC, internal reference and reference buffer.
0
1
Enable internal buffer, disable internal reference. An external 1.2V reference
connected to REFIN pin is required.
1
0
Disable internal reference and buffer. An external reference connected to the REF
pin is required.
1
1
Enable all; ADC, internal reference and reference buffer.
7
VDD2
P
Digital 2.5V supply.
8, 9
CNV-, CNV+
DI
Convert Input.
This input has multiple functions. On its rising edge, it samples the analog inputs and initiates a
conversion cycle. CNV+ works as a CMOS input when CNV- is grounded otherwise CNV+, CNV- are LVDS
inputs.
10, 11
D-, D+
D0
LVDS Data Outputs.
The conversion data is output serially on these pins.
12
VIO
P
Input/Output Interface Supply. Nominally 2.5V.
13
GND
P
Ground.
14, 15
DCO-, DCO+
DI/O
LVDS Buffered Clock Outputs.
When DCO+ is grounded, the self-clock interface mode is selected. In this mode, the 16 bit results on D
is preceded by a three bit header (010) to allow synchronization of the data by the digital host with
simple logic.
When DCO+ is not grounded, the echoed clock interface mode is selected. In this mode, DCO± is a copy
of CLK±. The data bits are output on the falling edge of DCO+ and can be latched in the digital host on
the next rising edge of DCO+.
16, 17
CLK-, CLK+
DI
LVDS Clock Inputs.
This clock shifts out the conversion results on the negative edge of CLK+.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com