Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7626 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7626
Description  16-Bit, 10MSPS PulSAR Differential ADC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7626 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7626 Datasheet HTML 3Page - Analog Devices AD7626 Datasheet HTML 4Page - Analog Devices AD7626 Datasheet HTML 5Page - Analog Devices AD7626 Datasheet HTML 6Page - Analog Devices AD7626 Datasheet HTML 7Page - Analog Devices AD7626 Datasheet HTML 8Page - Analog Devices AD7626 Datasheet HTML 9Page - Analog Devices AD7626 Datasheet HTML 10Page - Analog Devices AD7626 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Preliminary Technical Data
AD7626
Rev. PrC | Page 9 of 11
THEORY OF OPERATION
Echoed-Clock Interface Mode
The AD7626 digital operation in “echoed-clock interface mode”
is shown in Figure 3. This interface mode, requiring just a shift
register on the digital host, can be used with many digital hosts
(FPGA, shift register, microprocessor, etc.). It requires 3 LVDS
pairs (D±, CLK±, and DCO±) between each AD7626 and the
digital host.
The clock DCO is a buffered copy of CLK and synchronous to
the data, D, which is updated on DCO+ falling edge (tD). By
keeping good propagation delay matching between D and DCO
through the board and the digital host, DCO can be can be used
to latch D with good timing margin for the shift register.
Conversions are initiated by a CNV pulse. The CNV must be
returned low ≤ tCNVH(max) for valid operation. Once a
conversion has begun, it continues until completion. Additional
CNV pulses are ignored during the conversion phase. After the
time tMSB elapses, the host should begin to burst the CLK. Note
that tMSB is the maximum time for the MSB of the new
conversion result and should be used as the gating device for
CLK. The echoed clock, DCO, and data, D, will be driven in
phase with D being updated on the DCO+ falling edge and the
host should use the DCO+ rising edge to capture D. The only
requirement is that the 16 CLK pulses finish before the time
tCLKL elapses of the next conversion phase or the data will be lost.
From the time tCLKL to tMSB, D and DCO will be driven to 0’s.
CLK+
TCYC
16
15
CNV+
116
15
2
1
23
TCNVH
TCLKL
DCO+
16
15
116
15
2
1
23
D+
SAMPLE N
SAMPLE N+1
D-
D15
N
D14
N
D1
N
CLK-
CNV-
DCO-
D0
N-1
ACQUISITION
ACQUISITION
ACQUISITION
TACQ
TDCO
TD
TCLK
0
TMSB
D1
N-1
D15
N+1
D14
N+1
D0
N
0
D13
N+1
TCLKD
Figure 3. Echoed-Clock Interface Mode Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com