Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX146 Datasheet (PDF) - Maxim Integrated Products

MAX146 Datasheet PDF - Maxim Integrated Products
Part # MAX146
Download  MAX146 Download
File Size   198.1 Kbytes
Page   24 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2.7Low-Power, 8-Channel, Serial 12-Bit ADCs

MAX146 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX146 Datasheet PDF - Maxim Integrated Products

Part # MAX146
Download  MAX146 Click to download

File Size   198.1 Kbytes
Page   24 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2.7Low-Power, 8-Channel, Serial 12-Bit ADCs

MAX146 Datasheet (HTML) - Maxim Integrated Products


MAX146 Product details

General Description
The MAX146/MAX147 12-bit data-acquisition systems combine an 8-channel multiplexer, high-bandwidth track/hold, and serial interface with high conversion speed and low power consumption. The MAX146 operates from a single +2.7V to +3.6V supply; the MAX147 operates from a single +2.7V to +5.25V supply. Both devices’ analog inputs are software configurable for unipolar/bipolar and single-ended/differential operation.

Features
♦ 8-Channel Single-Ended or 4-Channel Differential Inputs
♦ Single-Supply Operation:
    +2.7V to +3.6V (MAX146)
    +2.7V to +5.25V (MAX147)
♦ Internal 2.5V Reference (MAX146)
♦ Low Power: 1.2mA (133ksps, 3V supply)
    54µA (1ksps, 3V supply)
    1µA (power-down mode)
♦ SPI/QSPI/Microwire/TMS320-Compatible 4-Wire Serial Interface
♦ Software-Configurable Unipolar or Bipolar Inputs
♦ 20-Pin DIP/SSOP Packages

Applications
    Portable Data Logging
    Data Acquisition
    Medical Instruments
    Battery-Powered Instruments
    Pen Digitizers
    Process Control




Similar Part No. - MAX146

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1460 MAXIM-MAX1460 Datasheet
204Kb / 20P
Low-Power, 16-Bit Smart ADC
Rev 0; 10/99
MAX14600 MAXIM-MAX14600 Datasheet
2Mb / 16P
USB Host Charger Identification/Adapter Emulators Greater User Flexibility
Rev 0; 6/11
MAX14600 MAXIM-MAX14600 Datasheet
2Mb / 16P
USB Host Charger Identification/Adapter Emulators
Rev 3; 5/12
MAX14600 MAXIM-MAX14600 Datasheet
1Mb / 16P
USB Host Charger Identification/ Adapter Emulators
2016
MAX14600ET MAXIM-MAX14600ET Datasheet
2Mb / 16P
USB Host Charger Identification/Adapter Emulators Greater User Flexibility
Rev 0; 6/11
More results


Similar Description - MAX146

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1270 MAXIM-MAX1270 Datasheet
808Kb / 20P
Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX186 MAXIM-MAX186 Datasheet
245Kb / 24P
Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev. 4; 8/96
MAX11129 MAXIM-MAX11129 Datasheet
2Mb / 36P
3Msps, Low-Power, Serial 12-/10-Bit, 8-/16-Channel ADCs
Rev 1; 11/11
MAX11661_1111 MAXIM-MAX11661_1111 Datasheet
2Mb / 28P
500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 3; 11/11
MAX11661 MAXIM-MAX11661_12 Datasheet
2Mb / 28P
500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 4; 1/12
MAX11129 MAXIM-MAX11129_12 Datasheet
3Mb / 36P
3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 3; 4/12
MAX11661_1204 MAXIM-MAX11661_1204 Datasheet
2Mb / 28P
500ksps, Low-Power,Serial 12-/10-/8-Bit ADCs
Rev 5; 4/12
MAX11129_V4 MAXIM-MAX11129_V4 Datasheet
2Mb / 36P
3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 4; 6/12
MAX1270BCAI MAXIM-MAX1270BCAI Datasheet
814Kb / 20P
Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX186 MAXIM-MAX186_V01 Datasheet
394Kb / 25P
Low-Power, 8-Channel, Serial 12-Bit ADCs
2012
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com