Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1270 Datasheet (PDF) - Maxim Integrated Products

MAX1270 Datasheet PDF - Maxim Integrated Products
Part # MAX1270
Download  MAX1270 Download
File Size   808.61 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Multirange, 5V, 8-Channel, Serial 12-Bit ADCs

MAX1270 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1270 Datasheet PDF - Maxim Integrated Products

Part # MAX1270
Download  MAX1270 Click to download

File Size   808.61 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Multirange, 5V, 8-Channel, Serial 12-Bit ADCs

MAX1270 Datasheet (HTML) - Maxim Integrated Products


MAX1270 Product details

General Description

The MAX1270/MAX1271 are multirange, 12-bit data acquisition systems (DAS) that require only a single +5V supply for operation, yet accept signals at their analog inputs that can span above the power-supply rail and below ground. These systems provide eight analog input channels that are independently software programmable for a variety of ranges: ±10V, ±5V, 0 to +10V, 0 to +5V for the MAX1270; ±VREF, ±VREF/2, 0 to VREF, 0 to VREF/2 for the MAX1271. This range switch ing increases the effective dynamic range to 14 bits and provides the flexibility to interface 4–20mA, ±12V, and ±15V powered sensors directly to a single +5V system.



Features

♦ 12-Bit Resolution, 0.5 LSB Linearity

♦ +5V Single-Supply Operation

♦ SPI/QSPI and MICROWIRE-Compatible 3-Wire Interface

♦ Four Software-Selectable Input Ranges

   MAX1270: 0 to +10V, 0 to +5V, ±10V, ±5V

   MAX1271: 0 to VREF, 0 to VREF/2, ±VREF, ±VREF/2

♦ Eight Analog Input Channels

♦ 110ksps Sampling Rate

♦ ±16.5V Overvoltage-Tolerant Input Multiplexer

♦ Internal 4.096V or External Reference

♦ Two Power-Down Modes

♦ Internal or External Clock

♦ 24-Pin Narrow PDIP or 28-Pin SSOP Packages



Applications

  Industrial Control Systems

  Data-Acquisition Systems

  Battery-Powered

  Instruments

  Automatic Testing

  Robotics

  Medical Instruments



 




Similar Part No. - MAX1270

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1270ACAI MAXIM-MAX1270ACAI Datasheet
814Kb / 20P
Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX1270ACNG MAXIM-MAX1270ACNG Datasheet
814Kb / 20P
Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX1270BCAI MAXIM-MAX1270BCAI Datasheet
814Kb / 20P
Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX1270BCNG MAXIM-MAX1270BCNG Datasheet
814Kb / 20P
Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX1270EVC16 MAXIM-MAX1270EVC16 Datasheet
196Kb / 7P
Complete Evaluation System Samples to 12ksps
Rev 2; 8/00
More results


Similar Description - MAX1270

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1202 MAXIM-MAX1202 Datasheet
309Kb / 24P
5v, 8-cHANNEL, sERIAL, 12-bIT adcS WITH 3v dIGITAL iNTERFACE
19-1173; Rev 2; 5/98
MAX187 MAXIM-MAX187 Datasheet
177Kb / 20P
5V, Low-Power, 12-Bit Serial ADCs
19-0196; Rev 0; 10/93
MAX1034 MAXIM-MAX1034 Datasheet
832Kb / 31P
8-/4-Channel, 짹VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 0; 5/05
MAX1032 MAXIM-MAX1032 Datasheet
724Kb / 31P
8-/4-Channel, 짹12V Multirange Inputs, Serial 14-Bit ADCs
Rev 1; 8/06
MAX1302 MAXIM-MAX1302 Datasheet
1Mb / 31P
8-/4-Channel, VREF Multirange Inputs, Serial 16-Bit ADCs
Rev 0; 5/05
MAX1300 MAXIM-MAX1300 Datasheet
977Kb / 31P
8-/4-Channel, 12V Multirange Inputs, Serial 16-Bit ADCs
Rev 1; 11/06
MAX1034 MAXIM-MAX1034_12 Datasheet
431Kb / 31P
8-/4-Channel, ±VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 2; 3/12
MAX1270BCAI MAXIM-MAX1270BCAI Datasheet
814Kb / 20P
Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX187 MAXIM-MAX187_V01 Datasheet
459Kb / 18P
5V, Low-Power, 12-Bit Serial ADCs
2012
MAX1202 MAXIM-MAX1202_V01 Datasheet
2Mb / 24P
5V, 8-Channel, Serial, 12-Bit ADCs with 3V Digital Interface
2012
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com