Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX187 Datasheet (PDF) - Maxim Integrated Products

MAX187 Datasheet PDF - Maxim Integrated Products
Part # MAX187
Download  MAX187 Download
File Size   177.72 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 5V, Low-Power, 12-Bit Serial ADCs

MAX187 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX187 Datasheet PDF - Maxim Integrated Products

Part # MAX187
Download  MAX187 Click to download

File Size   177.72 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 5V, Low-Power, 12-Bit Serial ADCs

MAX187 Datasheet (HTML) - Maxim Integrated Products


MAX187 Product details

General Description
The MAX187/MAX189 serial 12-bit analog-to-digital converters (ADCs) operate from a single +5V supply and accept a 0V to 5V analog input. Both parts feature an 8.5µs successive-approximation ADC, a fast track/hold (1.5µs), an on-chip clock, and a high-speed 3-wire serial interface.

Features
♦ 12-Bit Resolution
♦ ±1⁄2 LSB Integral Nonlinearity (MAX187A/MAX189A)
♦ Internal Track/Hold, 75kHz Sampling Rate
♦ Single +5V Operation
♦ Low Power: 2µA Shutdown Current 1.5mA Operating Current
♦ Internal 4.096V Buffered Reference (MAX187)
♦ 3-Wire Serial Interface, Compatible with SPI, QSPI, and Microwire
♦ Small-Footprint 8-Pin DIP and 16-Pin SO

Applications
    Portable Data Logging
    Remote Digital Signal Processing
    Isolated Data Acquisition
    High-Accuracy Process Control




Similar Part No. - MAX187

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX187 MAXIM-MAX187 Datasheet
323Kb / 24P
Complete Evaluation System Includes EV Kit and 68HC16 C Module
Rev. 0; 9/94
MAX1870 MAXIM-MAX1870 Datasheet
509Kb / 32P
Step-Up/Step-Down Li Battery Charger
Rev 1; 9/05
MAX1870A MAXIM-MAX1870A Datasheet
1Mb / 32P
Step-Up/Step-Down Li Battery Charger
Rev 0; 4/04
MAX1870A MAXIM-MAX1870A Datasheet
1Mb / 33P
Step-Up/Step-Down Li Battery Charger
2015
MAX1870AETJ MAXIM-MAX1870AETJ Datasheet
1Mb / 32P
Step-Up/Step-Down Li Battery Charger
Rev 0; 4/04
More results


Similar Description - MAX187

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1270 MAXIM-MAX1270 Datasheet
808Kb / 20P
Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX186 MAXIM-MAX186 Datasheet
245Kb / 24P
Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev. 4; 8/96
MAX11661 MAXIM-MAX11661 Datasheet
1Mb / 28P
500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 1; 1/11
MAX11661_1111 MAXIM-MAX11661_1111 Datasheet
2Mb / 28P
500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 3; 11/11
MAX11661 MAXIM-MAX11661_12 Datasheet
2Mb / 28P
500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 4; 1/12
MAX11661_1204 MAXIM-MAX11661_1204 Datasheet
2Mb / 28P
500ksps, Low-Power,Serial 12-/10-/8-Bit ADCs
Rev 5; 4/12
MAX1270BCAI MAXIM-MAX1270BCAI Datasheet
814Kb / 20P
Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX11102 MAXIM-MAX11102_V01 Datasheet
2Mb / 30P
2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
2013
MAX186 MAXIM-MAX186_V01 Datasheet
394Kb / 25P
Low-Power, 8-Channel, Serial 12-Bit ADCs
2012
MAX187 MAXIM-MAX187_V01 Datasheet
459Kb / 18P
5V, Low-Power, 12-Bit Serial ADCs
2012
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com