Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1462 Datasheet (PDF) - Maxim Integrated Products

MAX1462 Datasheet PDF - Maxim Integrated Products
Part # MAX1462
Download  MAX1462 Download
File Size   242.65 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Voltage, Low-Power, 16-Bit Smart ADC

MAX1462 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1462 Datasheet PDF - Maxim Integrated Products

Part # MAX1462
Download  MAX1462 Click to download

File Size   242.65 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Voltage, Low-Power, 16-Bit Smart ADC

MAX1462 Datasheet (HTML) - Maxim Integrated Products


MAX1462 Product details

General Description
The MAX1462 implements a revolutionary concept in signal conditioning, where the output of its 16-bit analog-to-digital converter (ADC) is digitally corrected over the specified temperature range. This feature can be readily exploited by automotive, industrial, and medical market segments, in applications such as sensors and smart batteries. Digital correction is provided by an internal digital signal processor (DSP) and on-chip 128-bit EEPROM containing user-programmed calibration coefficients. The conditioned output is available as a 12-bit digital word and as a ratiometric (proportional to the supply voltage) analog voltage using an on-board 12-bit digital-to-analog converter (DAC). The uncommitted op amp can be used to filter the analog output.

Features
♦ Low-Voltage Operation (2.4V to 3.6V)
♦ Low-Noise, 310µA Single-Chip Sensor Signal
   Conditioning
♦ High-Precision Front End Resolves <400nV of
   Differential Input Signal
♦ On-Chip DSP and EEPROM Provide Digital
   Correction of Sensor Errors
♦ 16-Bit Signal Path Compensates Sensor Offset
   and Sensitivity and Associated Temperature
   Coefficients
♦ 12-Bit Parallel Digital Output
♦ Analog Output
♦ Compensates a Wide Range of Sensor Sensitivity and Offset
♦ Single-Shot Automated Compensation
   Algorithm—No Iteration Required
♦ Built-In Temperature Sensor
♦ Three-State, 5-Wire Serial Interface Supports
   High-Volume Manufacturing

Applications
   Hand-Held Instruments
   Piezoresistive Pressure and Acceleration
   Transducers and Transmitters
   Industrial Pressure Sensors and Calibrators
   Smart Battery Charge Systems
   Weigh Scales and Strain-Gauge Measurement
   Flow Meters
   Dive Computers and Liquid-Level Sensing
   Hydraulic Systems
   Automotive Systems




Similar Part No. - MAX1462

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14626 MAXIM-MAX14626 Datasheet
1Mb / 8P
High-Voltage Reverse-Input-Capable 4??0mA Current Loop Protector
Rev 0; 3/12
MAX14626ETT+T MAXIM-MAX14626ETT+T Datasheet
1Mb / 8P
High-Voltage Reverse-Input-Capable 4??0mA Current Loop Protector
Rev 0; 3/12
MAX14626EVKIT MAXIM-MAX14626EVKIT Datasheet
377Kb / 6P
Evaluates Current-Limit Protection
Rev 0; 9/13
MAX14627 MAXIM-MAX14627 Datasheet
2Mb / 16P
Low-Power Headset Detectors with SEND/END Button Support
Rev 0; 5/12
MAX14627ETA+T MAXIM-MAX14627ETA+T Datasheet
2Mb / 16P
Low-Power Headset Detectors with SEND/END Button Support
Rev 0; 5/12
More results


Similar Description - MAX1462

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7719 AD-AD7719 Datasheet
367Kb / 40P
Low Voltage, Low Power, Factory-Calibrated 16-/24-Bit Dual ADC
REV.0
logo
Maxim Integrated Produc...
MAX1460 MAXIM-MAX1460 Datasheet
204Kb / 20P
Low-Power, 16-Bit Smart ADC
Rev 0; 10/99
logo
Analog Devices
AD7790 AD-AD7790 Datasheet
299Kb / 20P
Low Power, 16-Bit Buffered Sigma-Delta ADC
AD7171 AD-AD7171 Datasheet
284Kb / 16P
16-Bit Low Power Sigma-Delta ADC
REV. 0
logo
Linear Technology
LTC2159 LINER-LTC2159 Datasheet
520Kb / 32P
16-Bit, 20Msps Low Power ADC
LTC2188 LINER-LTC2188 Datasheet
608Kb / 36P
16-Bit, 20Msps Low Power Dual ADC
LTC2159 LINER-LTC2159_15 Datasheet
525Kb / 32P
16-Bit, 20Msps Low Power ADC
LTC2188 LINER-LTC2188_15 Datasheet
612Kb / 36P
16-Bit, 20Msps Low Power Dual ADC
logo
Analog Devices
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
16-Bit, Low Power, Sigma-Delta ADC
23-Feb-2017
AD7719 AD-AD7719_17 Datasheet
530Kb / 41P
Low Voltage, Low Power, Factory-Calibrated 16-/24-Bit Dual ADC
23-Feb-2017
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com