Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7719 Datasheet (PDF) - Analog Devices

AD7719 Datasheet PDF - Analog Devices
Part # AD7719
Download  AD7719 Download
File Size   367.37 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Voltage, Low Power, Factory-Calibrated 16-/24-Bit Dual ADC

AD7719 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7719 Datasheet PDF - Analog Devices

Part # AD7719
Download  AD7719 Click to download

File Size   367.37 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Voltage, Low Power, Factory-Calibrated 16-/24-Bit Dual ADC

AD7719 Datasheet (HTML) - Analog Devices


AD7719 Product details

GENERAL DESCRIPTION
The AD7719 is a complete analog front end for low frequency measurement applications. It contains two high resolution Σ-∆ ADCs, switchable matched excitation current sources, low-side power switches, digital I/O port, and temperature sensor.
   
FEATURES
    HIGH RESOLUTION Σ-Δ ADCs
    2 Independent ADCs (16- and 24-Bit Resolution)
    Factory-Calibrated (Field Calibration Not Required)
    Output Settles in 1 Conversion Cycle (Single
        Conversion Mode)
    Programmable Gain Front End
    Simultaneous Sampling and Conversion of 2
        Signal Sources
    Separate Reference Inputs for Each Channel
    Simultaneous 50 Hz and 60 Hz Rejection at 20 Hz
        Update Rate
    ISOURCE Select™
    24-Bit No Missing Codes—Main ADC
    13-Bit p-p Resolution @ 20 Hz, 20 mV Range
    18-Bit p-p Resolution @ 20 Hz, 2.56 V Range
   
INTERFACE
    3-Wire Serial
    SPI®, QSPI™, MICROWIRE™, and DSP Compatible
    Schmitt Trigger on SCLK
   
POWER
    Specified for Single 3 V and 5 V Operation
    Normal: 1.5 mA Typ @ 3 V
    Power-Down: 10 μA (32 kHz Crystal Running)
   
ON-CHIP FUNCTIONS
    Rail-Rail Input Buffer and PGA
    4-Bit Digital I/O Port
    On-Chip Temperature Sensor
    Dual Switchable Excitation Current Sources
    Low-Side Power Switches
    Reference Detect Circuit
   
APPLICATIONS
    Sensor Measurement
    Temperature Measurement
    Pressure Measurement
    Weigh Scales
    Portable Instrumentation
    4 to 20 mA Transmitters
   




Similar Part No. - AD7719

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7719 AD-AD7719 Datasheet
530Kb / 41P
Low Voltage, Low Power, Factory-Calibrated 16-/24-Bit Dual ADC
23-Feb-2017
AD7719BRZ AD-AD7719BRZ Datasheet
530Kb / 41P
Low Voltage, Low Power, Factory-Calibrated 16-/24-Bit Dual ADC
23-Feb-2017
AD7719 AD-AD7719_15 Datasheet
515Kb / 40P
Low Voltage, Low Power
REV. A
AD7719 AD-AD7719_17 Datasheet
530Kb / 41P
Low Voltage, Low Power, Factory-Calibrated 16-/24-Bit Dual ADC
23-Feb-2017
More results


Similar Description - AD7719

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1460 MAXIM-MAX1460 Datasheet
204Kb / 20P
Low-Power, 16-Bit Smart ADC
Rev 0; 10/99
MAX1462 MAXIM-MAX1462 Datasheet
242Kb / 16P
Low-Voltage, Low-Power, 16-Bit Smart ADC
Rev 0; 10/00
logo
Cirrus Logic
CS5541 CIRRUS-CS5541 Datasheet
517Kb / 26P
Low-power, High-Voltage, 24-Bit Delta-Sigma ADC
logo
Linear Technology
LTC2159 LINER-LTC2159 Datasheet
520Kb / 32P
16-Bit, 20Msps Low Power ADC
LTC2188 LINER-LTC2188 Datasheet
608Kb / 36P
16-Bit, 20Msps Low Power Dual ADC
logo
Analog Devices
AD7796 AD-AD7796_15 Datasheet
561Kb / 24P
Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
AD7797 AD-AD7797_15 Datasheet
561Kb / 24P
Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
logo
Linear Technology
LTC2159 LINER-LTC2159_15 Datasheet
525Kb / 32P
16-Bit, 20Msps Low Power ADC
LTC2188 LINER-LTC2188_15 Datasheet
612Kb / 36P
16-Bit, 20Msps Low Power Dual ADC
logo
Analog Devices
AD7719 AD-AD7719_17 Datasheet
530Kb / 41P
Low Voltage, Low Power, Factory-Calibrated 16-/24-Bit Dual ADC
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com