Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7719 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7719
Description  Low Voltage, Low Power, Factory-Calibrated 16-/24-Bit Dual ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7719 Datasheet(HTML) 2 Page - Analog Devices

  AD7719 Datasheet HTML 1Page - Analog Devices AD7719 Datasheet HTML 2Page - Analog Devices AD7719 Datasheet HTML 3Page - Analog Devices AD7719 Datasheet HTML 4Page - Analog Devices AD7719 Datasheet HTML 5Page - Analog Devices AD7719 Datasheet HTML 6Page - Analog Devices AD7719 Datasheet HTML 7Page - Analog Devices AD7719 Datasheet HTML 8Page - Analog Devices AD7719 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
REV. 0
AD7719
–2–
FEATURES . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
GENERAL DESCRIPTION . . . . . . . . . . . . . . . . . . . . . . . . . 1
SPECIFICATIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
ABSOLUTE MAXIMUM RATINGS . . . . . . . . . . . . . . . . . 6
ORDERING GUIDE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
TIMING CHARACTERISTICS . . . . . . . . . . . . . . . . . . . . . 7
DIGITAL INTERFACE . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
PIN CONFIGURATION . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
PIN FUNCTION DESCRIPTIONS . . . . . . . . . . . . . . . . . . 9
TYPICAL PERFORMANCE CHARACTERISTICS . . . . 11
DUAL-CHANNEL ADC CIRCUIT INFORMATION . . . 12
Main Channel . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Auxiliary Channel . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Both Channels . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
MAIN AND AUXILIARY ADC NOISE
PERFORMANCE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
ON-CHIP REGISTERS . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Communications Register
(A3, A2, A1, A0 = 0, 0, 0, 0) . . . . . . . . . . . . . . . . . . . . 19
Status Register (A3, A2, A1, A0 = 0, 0, 0, 0;
Power–On Reset = 00 Hex) . . . . . . . . . . . . . . . . . . . . . 20
Mode Register (A3, A2, A1, A0 = 0, 0, 0, 1;
Power-On-Reset = 00 Hex) . . . . . . . . . . . . . . . . . . . . . 21
Operating Characteristics when Addressing the Mode
and Control Registers . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Main ADC Control Register (AD0CON):
(A3, A2, A1, A0 = 0, 0, 1, 0;
Power-On Reset = 07 Hex) . . . . . . . . . . . . . . . . . . . . . 22
Aux ADC Control Registers (AD1CON):
(A3, A2, A1, A0 = 0, 0, 1, 1;
Power-On Reset = 01 Hex) . . . . . . . . . . . . . . . . . . . . . 23
Filter Register (A3, A2, A1, A0 = 0, 1, 0, 0;
Power-On Reset = 45 Hex) . . . . . . . . . . . . . . . . . . . . . 24
I/O and Current Source Control Register (IOCON):
(A3, A2, A1, A0 = 0, 1, 1, 1;
Power-On Reset = 0000 Hex) . . . . . . . . . . . . . . . . . . . 24
Main ADC Data Result Registers (DATA0):
(A3, A2, A1, A0 = 0, 1, 0, 1;
Power-On Reset = 000000 Hex) . . . . . . . . . . . . . . . . . 26
Aux ADC Data Result Registers (DATA1):
(A3, A2, A1, A0 = 0, 1, 1, 0;
Power-On Reset = 0000 Hex) . . . . . . . . . . . . . . . . . . . 26
Main ADC Offset Calibration Coefficient Registers (OF0):
(A3, A2, A1, A0 = 1, 0, 0, 0;
Power-On Reset = 800000 Hex) . . . . . . . . . . . . . . . . . 26
Aux ADC Offset Calibration Coefficient Registers (OF1):
(A3, A2, A1, A0 = 1, 0, 0, 1;
Power-On Reset = 8000 Hex) . . . . . . . . . . . . . . . . . . . 26
Main ADC Gain Calibration Coefficient Registers (GNO):
(A3, A2, A1, A0 = 1, 0, 1, 0;
Power-On Reset = 5XXXX5 Hex) . . . . . . . . . . . . . . . . 25
Aux ADC Gain Calibration Coefficient Registers (GN1):
(A3, A2, A1, A0 = 1, 0, 1, 1;
Power-On Reset = 59XX Hex) . . . . . . . . . . . . . . . . . . . 26
ID Register (ID): (A3, A2, A1, A0 = 1, 1, 1, 1;
Power-On Reset = 0X Hex) . . . . . . . . . . . . . . . . . . . . . 26
User Nonprogrammable Test Registers . . . . . . . . . . . . . . 26
CONFIGURING THE AD7719 . . . . . . . . . . . . . . . . . . . . . 27
MICROCOMPUTER/MICROPROCESSOR
INTERFACING . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
AD7719-to-68HC11 Interface . . . . . . . . . . . . . . . . . . . . . 28
AD7719-to-8051 Interface . . . . . . . . . . . . . . . . . . . . . . . . 28
AD7719-to-ADSP-2103/ADSP-2105 Interface . . . . . . . . 30
CIRCUIT DESCRIPTION . . . . . . . . . . . . . . . . . . . . . . . . 30
Analog Input Channels . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Programmable Gain Amplifier . . . . . . . . . . . . . . . . . . . . . 32
Bipolar/Unipolar Configuration . . . . . . . . . . . . . . . . . . . . 33
Data Output Coding . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
Burnout Currents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
Excitation Currents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
Crystal Oscillator . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
Reference Input . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
Reference Detect . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
Reset Input . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
Power-Down Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
Idle Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
ADC Disable Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
Calibration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
Grounding and Layout . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
APPLICATIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
Pressure Measurement . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
Temperature Measurement . . . . . . . . . . . . . . . . . . . . . . . 37
3-Wire RTD Configurations . . . . . . . . . . . . . . . . . . . . . . 38
Smart Transmitters . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
OUTLINE DIMENSIONS . . . . . . . . . . . . . . . . . . . . . . . . . 40
TABLE OF CONTENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com