Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7719 Datasheet(PDF) 39 Page - Analog Devices

Part # AD7719
Description  Low Voltage, Low Power, Factory-Calibrated 16-/24-Bit Dual ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7719 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD7719 Datasheet HTML 32Page - Analog Devices AD7719 Datasheet HTML 33Page - Analog Devices AD7719 Datasheet HTML 34Page - Analog Devices AD7719 Datasheet HTML 35Page - Analog Devices AD7719 Datasheet HTML 36Page - Analog Devices AD7719 Datasheet HTML 37Page - Analog Devices AD7719 Datasheet HTML 38Page - Analog Devices AD7719 Datasheet HTML 39Page - Analog Devices AD7719 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
REV. 0
AD7719
–39–
Smart Transmitters
Smart transmitters are another key design-in area for the AD7719.
The dual sigma-delta converter, single supply operation, 3-wire
interface capabilities, and small package size are all of benefit is
in smart transmitters. Here, the entire smart transmitter must
operate from the 4 mA-to-20 mA loop. Tolerances in the loop
mean that the amount of current available to power the trans-
mitter is as low as 3.5 mA. Figure 24 shows a block diagram of a
smart transmitter which includes the AD7719.
MICROCONTROLLER
REF OUT2
REF IN
10 F
0.1 F
AVDD
DVDD
AIN1
AIN2
CS
DOUT
SCLK
DIN
DGND
AGND
AIN5
AIN5 COM
REFIN2
REFIN(+)
REFIN(–)
0.1 F
REF OUT1
CLOCK
LATCH
DATA
4.7 F
COM
C1
C2
C3
VCC
GND
AD7719
AD421
BOOST VCC
LV
0.01 F
1k
1000pF
LOOP
POWER
10 F
3.3V
1.25V
DN25D
0.01 F
LOOP
RTN
COMP
DRIVE
MAIN
VARIABLES
SECONDARY
VARIABLES
AIN3
AIN4
Figure 24. Smart Transmitter Employing the AD7719
Not shown in Figure 24 is the isolated power source required to
power the front end. The advantages of the AD7719 in these
applications is the dual channel operation, meaning that the
user does not have to interrupt the main channel when measur-
ing secondary variables, and therefore does not have the latency
associated with the settling times of the digital filter. The fact
that the AD7719 is factory-calibrated means that in the majority
of applications, the user will not have to perform any field cali-
bration given the excellent offset and gain drift performance of
the device as a result of the signal chain chopping employed in
the signal chain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com