Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX155 Datasheet (PDF) - Maxim Integrated Products

MAX155 Datasheet PDF - Maxim Integrated Products
Part # MAX155
Download  MAX155 Download
File Size   624.59 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 8-/4-Channel ADCs with Simultaneous T/Hs and Reference

MAX155 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX155 Datasheet PDF - Maxim Integrated Products

Part # MAX155
Download  MAX155 Click to download

File Size   624.59 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 8-/4-Channel ADCs with Simultaneous T/Hs and Reference

MAX155 Datasheet (HTML) - Maxim Integrated Products


MAX155 Product details

General Description
The MAX155/MAX156 are high-speed, 8-bit, multichannel analog-to-digital converters (ADCs) with simultaneous track/holds (T/Hs) to eliminate timing differences between input channel samples. The MAX155 has 8 analog input channels and the MAX156 has 4 analog input channels. Each channel has its own T/H, and all T/Hs sample at the same instant. The ADC converts a channel in 3.6µs and stores the result in an internal 8x8 RAM. The MAX155/MAX156 also feature a 2.5V internal reference and power-down capability, providing a complete, sampling data-acquisition system.

Features
♦ 8 Simultaneously Sampling Track/Hold Inputs
♦ 3.6µs Conversion Time Per Channel
♦ Unipolar or Bipolar Input Range
♦ Single-Ended or Differential Inputs
♦ Mixed Input Configurations Possible
♦ +2.5V Internal Reference
♦ Single +5V or Dual ±5V Supply Operation

Applications
    Phase-Sensitive Data Acquisition
    Vibration and Waveform Analysis
    DSP Analog Input
    AC Power Meters
    Portable Data Loggers




Similar Part No. - MAX155

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15500 MAXIM-MAX15500 Datasheet
3Mb / 27P
Industrial Analog Current/Voltage-Output Conditioners
Rev 0; 6/09
MAX15500 MAXIM-MAX15500 Datasheet
3Mb / 28P
Industrial Analog Current/ Voltage-Output Conditioners
Rev 1; 2/11
MAX15500 MAXIM-MAX15500 Datasheet
710Kb / 15P
USB-PC Connection (Cable Included)
Rev 0; 8/09
logo
Analog Devices
MAX15500 AD-MAX15500 Datasheet
2Mb / 30P
Industrial Analog Current/ Voltage-Output Conditioners
Rev 4 8/23
logo
Maxim Integrated Produc...
MAX15500GTJ+ MAXIM-MAX15500GTJ+ Datasheet
3Mb / 27P
Industrial Analog Current/Voltage-Output Conditioners
Rev 0; 6/09
More results


Similar Description - MAX155

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11044 MAXIM-MAX11044 Datasheet
1Mb / 19P
4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 10/09
MAX11047 MAXIM-MAX11047 Datasheet
3Mb / 18P
4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 12/09
MAX11044 MAXIM-MAX11044_10 Datasheet
2Mb / 20P
4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 1; 3/10
MAX11044 MAXIM-MAX11044_11 Datasheet
1Mb / 27P
4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11047 MAXIM-MAX11047_11 Datasheet
1Mb / 25P
4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 2; 1/11
MAX11044 MAXIM-MAX11044_12 Datasheet
1Mb / 27P
4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_13 Datasheet
3Mb / 28P
4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
logo
Texas Instruments
ADS8528, TI1-ADS8528,_16 Datasheet
1Mb / 57P
16-Bit, 8-Channel, Simultaneous Sampling ADCs
logo
Maxim Integrated Produc...
MAX11638 MAXIM-MAX11638 Datasheet
1Mb / 22P
8-Bit, 16-/8-Channel, 300ksps ADCs with FIFO and Internal Reference
19-6035; Rev 0; 9/11
MAX155 MAXIM-MAX155_V01 Datasheet
1Mb / 20P
8-/4-Channel ADCs with Simultaneous T/Hs and Reference
2012
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com