Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1664 Datasheet (PDF) - Maxim Integrated Products

MAX1664 Datasheet PDF - Maxim Integrated Products
Part # MAX1664
Download  MAX1664 Download
File Size   249.99 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Active-Matrix Liquid Crystal Display AMLCD Supply

MAX1664 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1664 Datasheet PDF - Maxim Integrated Products

Part # MAX1664
Download  MAX1664 Click to download

File Size   249.99 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Active-Matrix Liquid Crystal Display AMLCD Supply

MAX1664 Datasheet (HTML) - Maxim Integrated Products


MAX1664 Product details

General Description

The MAX1661/MAX1662/MAX1663 serial-to-parallel/parallel-to-serial converters are intended to control external power MOSFETs in power-plane switching applications. These small, low-cost devices can be used on a system motherboard to control point-of-load switching from a 2-wire SMBus™ serial interface. Each device has three high voltage open-drain outputs that double as TTL-level logic inputs, giving them bidirectional capabilities. The I/O pins can withstand +28V, so they can control battery voltage distribution switches in notebook computers.



Features

♦ Performs Serial-to-Parallel and Parallel-to-Serial Conversions

♦ Three General-Purpose Digital Input/Output Pins(withstand +28V)

♦ SMBus 2-Wire Serial Interface

♦ Supports SMBSUS Asynchronous Suspend Mode

♦ 3µA Supply Current

♦ +2.7V to +5.5V Supply Range

♦ Space-Saving, Low-Cost 10-Pin µMAX Package



Applications

Power-Plane Switching

Point-of-Load Power-Bus Switching

Notebook and Subnotebook Computers

Desktop Computers

Smart Batteries




Similar Part No. - MAX1664

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX166 MAXIM-MAX166 Datasheet
562Kb / 12P
CMOS 關P-Compatible, 5關s, 8-Bit ADCs
19-1976; Rev 1; 6/92
MAX1660 MAXIM-MAX1660 Datasheet
244Kb / 20P
Digitally Controlled Fuel-Gauge Interface
19-1308; Rev 1; 10/98
MAX1660 MAXIM-MAX1660 Datasheet
460Kb / 19P
Digitally Controlled Fuel-Gauge Interface
2006
MAX1660EEE MAXIM-MAX1660EEE Datasheet
244Kb / 20P
Digitally Controlled Fuel-Gauge Interface
19-1308; Rev 1; 10/98
MAX1660EEE MAXIM-MAX1660EEE Datasheet
460Kb / 19P
Digitally Controlled Fuel-Gauge Interface
2006
More results


Similar Description - MAX1664

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
LTM170EU-L01 SAMSUNG-LTM170EU-L01 Datasheet
850Kb / 24P
COLOR ACTIVE MATRIX TFT LIQUID CRYSTAL DISPLAY
LTM170E4 SAMSUNG-LTM170E4 Datasheet
992Kb / 23P
COLOR ACTIVE MATRIX TFT LIQUID CRYSTAL DISPLAY
LTN141P1-L01 SAMSUNG-LTN141P1-L01 Datasheet
121Kb / 6P
color active matrix TFT liquid crystal display
LTM170EU-L11 SAMSUNG-LTM170EU-L11 Datasheet
746Kb / 24P
Color Active Matrix TFT Liquid crystal display
logo
LG Semicon Co.,Ltd.
LM150X05 LG-LM150X05 Datasheet
368Kb / 27P
COLOR ACTIVE MATRIX LIQUID CRYSTAL DISPLAY
logo
Samsung semiconductor
LTM240M2-L02 SAMSUNG-LTM240M2-L02 Datasheet
323Kb / 35P
color active matrix liquid crystal display
logo
AU Optronics Corp.,
B154EW02 AUO-B154EW02 Datasheet
612Kb / 35P
Color Active Matrix Liquid Crystal Display
B156XTK01.0 AUO-B156XTK01.0 Datasheet
1Mb / 40P
Color Active Matrix Liquid Crystal Display
B156XW01 AUO-B156XW01 Datasheet
488Kb / 35P
Color Active Matrix Liquid Crystal Display
B170PW03 AUO-B170PW03 Datasheet
608Kb / 35P
Color Active Matrix Liquid Crystal Display
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com