Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1651 Datasheet (PDF) - Maxim Integrated Products

MAX1651 Datasheet PDF - Maxim Integrated Products
Part # MAX1651
Download  MAX1651 Download
File Size   167.2 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers

MAX1651 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1651 Datasheet PDF - Maxim Integrated Products

Part # MAX1651
Download  MAX1651 Click to download

File Size   167.2 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers

MAX1651 Datasheet (HTML) - Maxim Integrated Products


MAX1651 Product details

General Description
The MAX1649/MAX1651 BiCMOS, step-down, DC-DC switching controllers provide high efficiency over loads ranging from 1mA to more than 2.5A. A unique, current limited pulse-frequency-modulated (PFM) control scheme gives these devices the benefits of pulse-width-modulation (PWM) converters (high efficiency at heavy loads), while using only 100µA of supply current (vs. 2mA to 10mA for PWM converters). Dropout performance down to 300mV is provided by a high switch duty cycle (96.5%) and a low current-sense threshold (110mV).

Features
♦ More than 90% Efficiency (10mA to 1.5A Loads)
♦ More than 12.5W Output Power
♦ Less than 0.3V Dropout Voltage at 500mA
♦ 100µA Max Quiescent Supply Current
♦ 5µA Max Shutdown Supply Current
♦ 16V Max Input Voltage
♦ 5V (MAX1649), 3.3V (MAX1651), or Adjustable
   Output Voltage
♦ Current-Limited Control Scheme
♦ Up to 300kHz Switching Frequency
♦ Up to 96.5% Duty Cycle

Applications
   PDAs
   High-Efficiency Step-Down Regulation
   5V-to-3.3V Green PC Applications
   Battery-Powered Applications




Similar Part No. - MAX1651

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1651 MAXIM-MAX1651 Datasheet
223Kb / 12P
5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
Rev 3; 3/09
MAX1651 MAXIM-MAX1651 Datasheet
87Kb / 4P
provides a regulated 5V output voltage from a 5.5V to 16.5V source Evaluation Kit
Rev 1; 11/07
MAX1651C/D MAXIM-MAX1651C/D Datasheet
223Kb / 12P
5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
Rev 3; 3/09
MAX1651CPA MAXIM-MAX1651CPA Datasheet
223Kb / 12P
5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
Rev 3; 3/09
MAX1651CSA MAXIM-MAX1651CSA Datasheet
223Kb / 12P
5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
Rev 3; 3/09
More results


Similar Description - MAX1651

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1626 MAXIM-MAX1626 Datasheet
185Kb / 16P
5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
19-1075; Rev 0; 6/96
MAX639 MAXIM-MAX639 Datasheet
166Kb / 12P
5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters
Rev 3; 8/97
MAX710 MAXIM-MAX710 Datasheet
140Kb / 12P
3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters
Rev 0; 7/97
MAX770 MAXIM-MAX770 Datasheet
204Kb / 20P
5V/12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controllers
Rev 2; 11/96
MAX774 MAXIM-MAX774 Datasheet
163Kb / 16P
-5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-DC Controllers
Rev 1; 3/94
MAX856 MAXIM-MAX856 Datasheet
126Kb / 12P
3.3V/5V or Adjustable-Output, Step-Up DC-DC Converters
Rev 4; 5/96
MAX1649 MAXIM-MAX1649_09 Datasheet
223Kb / 12P
5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
Rev 3; 3/09
MAX639 MAXIM-MAX639_05 Datasheet
778Kb / 13P
5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Conver
Rev 4; 7/05
MAX775CSA-T MAXIM-MAX775CSA-T Datasheet
312Kb / 16P
-5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-to-DC Controllers
Rev 2; 12/02
MAX1626 MAXIM-MAX1626_V01 Datasheet
383Kb / 16P
5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
2015
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com