Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX770 Datasheet (PDF) - Maxim Integrated Products

MAX770 Datasheet PDF - Maxim Integrated Products
Part # MAX770
Download  MAX770 Download
File Size   204.22 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 5V/12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controllers

MAX770 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX770 Datasheet PDF - Maxim Integrated Products

Part # MAX770
Download  MAX770 Click to download

File Size   204.22 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 5V/12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controllers

MAX770 Datasheet (HTML) - Maxim Integrated Products


MAX770 Product details

General Description

The MAX770–MAX773 step-up switching controllers provide 90% efficiency over a 10mA to 1A load. A unique current-limited pulse-frequency-modulation (PFM) control scheme gives these devices the benefits of pulse-width-modulation (PWM) converters (high efficiency at heavy loads), while using less than 110µA of supply current (vs. 2mA to 10mA for PWM converters).



Features

♦ 90% Efficiency for 10mA to 1A Load Currents

♦ Up to 15W Output Power

♦ 110µA Max Supply Current

♦ 5µA Max Shutdown Current

♦ 2V to 16.5V Input Range (MAX770/MAX771/MAX772)

♦ Internal Shunt Regulator for High Input Voltages (MAX773)

♦ Preset or Adjustable Output Voltages

   MAX770: 5V or Adjustable

   MAX771: 12V or Adjustable

   MAX772: 15V or Adjustable

   MAX773: 5V, 12V, 15V, or Adjustable

♦ Current-Limited PFM Control Scheme

♦ 300kHz Switching Frequency



Applications

    Palmtops/Handy-Terminals

    High-Efficiency DC-DC Converters

    Battery-Powered Applications

    Positive LCD-Bias Generators

    Portable Communicators

    Flash Memory Programmers




Similar Part No. - MAX770

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7705 MAXIM-MAX7705 Datasheet
69Kb / 8P
關P Power-Supply Monitor with Reset
Rev 0; 6/93
MAX7705C/D MAXIM-MAX7705C/D Datasheet
69Kb / 8P
關P Power-Supply Monitor with Reset
Rev 0; 6/93
MAX7705CPA MAXIM-MAX7705CPA Datasheet
69Kb / 8P
關P Power-Supply Monitor with Reset
Rev 0; 6/93
MAX7705CSA MAXIM-MAX7705CSA Datasheet
69Kb / 8P
關P Power-Supply Monitor with Reset
Rev 0; 6/93
MAX7705EPA MAXIM-MAX7705EPA Datasheet
69Kb / 8P
關P Power-Supply Monitor with Reset
Rev 0; 6/93
More results


Similar Description - MAX770

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1626 MAXIM-MAX1626 Datasheet
185Kb / 16P
5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
19-1075; Rev 0; 6/96
MAX1649 MAXIM-MAX1649 Datasheet
167Kb / 12P
5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
19-0305; Rev 2; 9/95
MAX1771 MAXIM-MAX1771 Datasheet
195Kb / 16P
12V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controller
19-0263; Rev 1; 7/95
MAX608 MAXIM-MAX608 Datasheet
136Kb / 12P
5V or Adjustable, Low-Voltage, Step-Up DC-DC Controller
Rev 0; 9/95
MAX761 MAXIM-MAX761 Datasheet
122Kb / 12P
12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Converters
Rev 0; 11/93
MAX764 MAXIM-MAX764 Datasheet
132Kb / 12P
-5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ DC-DC Inverters
Rev 0; 6/94
MAX774 MAXIM-MAX774 Datasheet
163Kb / 16P
-5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-DC Controllers
Rev 1; 3/94
MAX1649 MAXIM-MAX1649_09 Datasheet
223Kb / 12P
5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
Rev 3; 3/09
MAX775CSA-T MAXIM-MAX775CSA-T Datasheet
312Kb / 16P
-5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-to-DC Controllers
Rev 2; 12/02
MAX1626 MAXIM-MAX1626_V01 Datasheet
383Kb / 16P
5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
2015
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com