Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1771 Datasheet (PDF) - Maxim Integrated Products

MAX1771 Datasheet PDF - Maxim Integrated Products
Part # MAX1771
Download  MAX1771 Download
File Size   195.46 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 12V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controller

MAX1771 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1771 Datasheet PDF - Maxim Integrated Products

Part # MAX1771
Download  MAX1771 Click to download

File Size   195.46 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 12V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controller

MAX1771 Datasheet (HTML) - Maxim Integrated Products


MAX1771 Product details

General Description

The MAX1771 step-up switching controller provides 90% efficiency over a 30mA to 2A load. A unique cur rent-limited pulse-frequency-modulation (PFM) control scheme gives this device the benefits of pulse-width modulation (PWM) converters (high efficiency at heavy loads), while using less than 110µA of supply current (vs. 2mA to 10mA for PWM converters).



Features

♦ 90% Efficiency for 30mA to 2A Load Currents

♦ Up to 24W Output Power

♦ 110µA Max Supply Current

♦ 5µA Max Shutdown Current

♦ 2V to 16.5V Input Range

♦ Preset 12V or Adjustable Output Voltage

♦ Current-Limited PFM Control Scheme

♦ Up to 300kHz Switching Frequency

♦ Evaluation Kit Available




Similar Part No. - MAX1771

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1771 MAXIM-MAX1771 Datasheet
67Kb / 3P
fully assembled and tested surface-mount circuit board Evaluation Kit
1995
MAX17710 MAXIM-MAX17710 Datasheet
1Mb / 8P
MAX17710 Evaluation Kit
Rev 1; 10/11
MAX17710 MAXIM-MAX17710 Datasheet
1Mb / 17P
Energy-Harvesting Charger and Protector Lithium Cell Undervoltage Protection
Rev 0; 6/11
MAX17710 MAXIM-MAX17710 Datasheet
1Mb / 17P
Energy-Harvesting Charger and Protector
Rev 1; 7/11
MAX17710 MAXIM-MAX17710 Datasheet
1Mb / 18P
Energy-Harvesting Charger and Protector
Rev 2; 12/12
More results


Similar Description - MAX1771

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX608 MAXIM-MAX608 Datasheet
136Kb / 12P
5V or Adjustable, Low-Voltage, Step-Up DC-DC Controller
Rev 0; 9/95
MAX761 MAXIM-MAX761 Datasheet
122Kb / 12P
12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Converters
Rev 0; 11/93
MAX764 MAXIM-MAX764 Datasheet
132Kb / 12P
-5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ DC-DC Inverters
Rev 0; 6/94
MAX770 MAXIM-MAX770 Datasheet
204Kb / 20P
5V/12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controllers
Rev 2; 11/96
MAX774 MAXIM-MAX774 Datasheet
163Kb / 16P
-5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-DC Controllers
Rev 1; 3/94
logo
Analog Intergrations Co...
AIC1630A AIC-AIC1630A Datasheet
181Kb / 9P
HIGH-EFFICIENCY STEP-UP DC/DC CONVERTER CONTROLLER
logo
ACE Technology Co., LTD...
ACE705 ACE-ACE705 Datasheet
656Kb / 14P
High efficiency, Low supply current, step-up DC/DC Controller
VER 1.2
logo
Silicon Standard Corp.
SS6628 SSC-SS6628 Datasheet
554Kb / 7P
High-Efficiency Step-Up DC/DC Controller
logo
ACE Technology Co., LTD...
ACE705 ACE-ACE705_12 Datasheet
541Kb / 14P
High efficiency, Low supply current, step-up DC/DC Controller
VER 1.4
logo
Maxim Integrated Produc...
MAX775CSA-T MAXIM-MAX775CSA-T Datasheet
312Kb / 16P
-5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-to-DC Controllers
Rev 2; 12/02
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com